Selected language     English  ▼


LA73076V Datasheet(PDF) 1 Page - ON Semiconductor

Part No. LA73076V
Description  Video Driver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
90507 TI IM B8-8590 No.A0911-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LA73076V
Overview
The LA73076V is a low voltage drive (2.7V to 3.6V) video driver developed for portable appliances including digital
video cameras, digital still cameras and cell phones. It incorporates a minus-voltage generator that allows the
LA73076V to generate its output with the pedestal voltage set to 0V, so that no output coupling capacitor is required.
This enables substantial reduction in mounting space without concerned about V-sag.
Features
• Output coupling capacity not required
• Low-voltage drive (VCC = 2.7V to 3.6V)
• Νο V-sag
• Sextic LPF incorporated (fc = 10MHz)
• 6dB amplifier
• Current drain of 0μA in the standby mode
• Output drive capable of covering maximum 75Ω output, one channel
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
4.0
V
Allowable power dissipation
Pd max
Ta
≤ 80°C, *Mounted on a specified board
220
mW
Operating temperature
Topr
-20 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
*: Mounted on a specified board: 114.3mm
×76.1mm×1.6mm, glass epoxy
Ordering number : ENA0911
Monolithic Linear IC
Video Driver for DVC/DSC,
Cell Phone
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl