Selected language     English  ▼


LA73076V Datasheet(PDF) 4 Page - ON Semiconductor

Part No. LA73076V
Description  Video Driver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 4 page
background image
LA73076V
No.A0911-4/7
Pin Functions
Pin
No
Symbol
Voltage
Description
Equivalent Circuit
1
S-CTL
VCC
or
OPEN
or
0V
Output select pin
OUT
Control of Pin1
MIX
YC
L(GND)
0V to 0.5V
M(OPEN)
OPEN
or
1.6V
±0.1V
⇒ ×
H(VCC)
2.2V to
VCC
×
×
2
P-SAV-
CTL
VCC
or
0V
Power save mode select pin
Control of Pin2
Mode
L(GND)
0V to 0.5V
Active
H(VCC)
OPEN
or
VCC±0.5V
⇒ Standby
3
C-OUT
1.55V
Video output terminal
(Push-pull output low-impedance)
4
C-MUTE-
CTL
VCC
or
0V
Mute select pin
Control of Pin
OUT
L(GND)
0V to 0.5V
or
OPEN
through
H(VCC)
VCC±0.5V
Pin4:
H
→MUTE
Continued on next page.
A-GND
S-CTL
14
VCC_A
40k
Ω
5k
Ω
2.4V
REF
1.6V
BUF
1.6V
1
16
A-GND
VCC_A
P-SAV-CTL
4k
Ω
50k
Ω
50k
Ω
50k
Ω
14
2
16
1.55V
700mVp-p
+
-
250
Ω
A_GND
VCC_A
C-OUT
50k
Ω
50k
Ω
49k
Ω
14
3
16
A-GND
VCC_A
10k
Ω
40k
Ω
1.2V
C-MUTE-CTL
14
4
16




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl