Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11867FV Datasheet(PDF) 8 Page - ON Semiconductor

Part # LB11867FV
Description  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867FV Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LB11867FV Datasheet HTML 3Page - ON Semiconductor LB11867FV Datasheet HTML 4Page - ON Semiconductor LB11867FV Datasheet HTML 5Page - ON Semiconductor LB11867FV Datasheet HTML 6Page - ON Semiconductor LB11867FV Datasheet HTML 7Page - ON Semiconductor LB11867FV Datasheet HTML 8Page - ON Semiconductor LB11867FV Datasheet HTML 9Page - ON Semiconductor LB11867FV Datasheet HTML 10Page - ON Semiconductor LB11867FV Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LB11867FV
www.onsemi.com
8
*6. RMI pin
Minimum speed setting pin.
Perform pull-up with 5VREG when this pin is not to be used.
If the IC power supply is likely to be turned OFF first when the pin is used with external power supply, be sure to
insert the current limiting resistor to prevent inflow of large current. (The same applies to the VTH pin.)
*7. VTH pin
Speed control pin.
Connect this pin to GND when it is not used (at full speed).
For the control method, refer to the timing chart.
For control with pulse input, insert the current limiting resistor and use the pin with the frequency of 20k to 100kHz
(20kHz to 50kHz recommended).
*8. SENSE pin
Current limiting detection pin.
When the pin voltage exceeds 0.2V, the current is limited and the operation enters the lower regeneration mode.
Connect this pin to GND when it is not to be used.
*9. FG pin
Rotation speed detection pin.
This is an open collector output, which can detect the rotation speed from the FG output according to the phase
changeover. Keep this pin open when it is not to be used.
*10. CT pin
Pin to connect the lock detection capacitor.
The constant-current charge and discharge circuits incorporated cause locking when the pin voltage becomes 3.0V
and unlocking when it is 1.1V.
Connect the pin to GND when it is not to be used (locking not necessary).
*11. S-S pin
Pin to connect the soft-start setting capacitor.
Connect the capacitor between 5VREG and S-S pin.
This pin enables setting of the soft start time according to the capacity of the capacitor.
See the timing char.
Connect the pin to GND when it is not to be used.


Similar Part No. - LB11867FV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV Datasheet
91Kb / 9P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11867FV SANYO-LB11867FV Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867FV-MPB-E ONSEMI-LB11867FV-MPB-E Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867FV-MPB-H ONSEMI-LB11867FV-MPB-H Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

Similar Description - LB11867FV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11867RV ONSEMI-LB11867RV Datasheet
202Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com