Electronic Components Datasheet Search |
|
LE24162LBXA Datasheet(PDF) 10 Page - ON Semiconductor |
|
LE24162LBXA Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 11 page LE24162LBXA No.A2071-10/11 3) Notes on write protect operation This product prohibits all 16k bit writing when the WP pin is high. To ensure full write protection, the WP is set high for all periods from the start condition to the stop condition, and the conditions below must be satisfied. VDD=1.7 to 3.6V Item Symbol min typ max unit WP Setup time tSU.WP 600 ns WP Hold time tHD.WP 600 ns 4) Precautions when turning on the power This product contains a power-on reset circuit for preventing the inadvertent writing of data when the power is turned on. The following conditions must be met in order to ensure stable operation of this circuit. No data guarantees are given in the event of an instantaneous power failure during the internal write operation. VDD=1.7 to 3.6V Item Symbol min typ max unit Power rise time tRISE 100 ms Power off time tOFF 10 ms Power bottom voltage Vbot 0.2 V Notes: 1) The SDA pin must be set to high and the SCL pin to low or high. 2) Steps must be taken to ensure that the SDA and SCL pins are not placed in a high-impedance state. VDD 0V tOFF tRISE Vbot SCL SDA tSU.WP tHD.WP WP Start condition Stop condition |
Similar Part No. - LE24162LBXA |
|
Similar Description - LE24162LBXA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |