Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE24512AQF Datasheet(PDF) 5 Page - ON Semiconductor

Part # LE24512AQF
Description  Two Wire Serial Interface EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE24512AQF Datasheet(HTML) 5 Page - ON Semiconductor

  LE24512AQF Datasheet HTML 1Page - ON Semiconductor LE24512AQF Datasheet HTML 2Page - ON Semiconductor LE24512AQF Datasheet HTML 3Page - ON Semiconductor LE24512AQF Datasheet HTML 4Page - ON Semiconductor LE24512AQF Datasheet HTML 5Page - ON Semiconductor LE24512AQF Datasheet HTML 6Page - ON Semiconductor LE24512AQF Datasheet HTML 7Page - ON Semiconductor LE24512AQF Datasheet HTML 8Page - ON Semiconductor LE24512AQF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LE24512AQF
No.A2087-5/14
Bus Timing
Write Timing
Pin Functions
SCL (serial clock input) pin
The SCL signal is used to control serial input data timing. The SCL is used to latch input data synchronously at the
rising edge and read output data synchronously at the falling edge.
SDA (serial data input/output) pin
The SDA pin is bidirectional for serial data transfer. It is an open-drain structure that needs to be pulled up by resistor.
WP (write protect) pin
When the WP signal is high, write protection are enabled. When this signal is low, write operations for all memory
arrays are allowed. The read operation is always activated irrespective of the WP pin status.
S0/S1/S2 (Slave Address) pin
When many devices are connected on the same bus, the S0/S1/S2 are used to select the device.
The S0/S1/S2 must be tied to VDD or GND
SCL
SDA
D0
tWC
Write data
Acknowledge
Stop
condition
Start
condition
SCL
SDA/IN
SDA/OUT
tF
tSU.STA
tHD.STA
tAA
tHIGH
tLOW
tHD.DAT
tSU.DAT
tDH
tR
tSU.STO
tSP
tBUF
tSP


Similar Part No. - LE24512AQF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
More results

Similar Description - LE24512AQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
Sanyo Semicon Device
LE24L042CS SANYO-LE24L042CS Datasheet
200Kb / 10P
   Two Wire Serial Interface EEPROM
LE24LA322CS SANYO-LE24LA322CS Datasheet
217Kb / 11P
   Two Wire Serial Interface EEPROM
LE24LB642CS SANYO-LE24LB642CS Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM
logo
ON Semiconductor
LE24L042CS-B ONSEMI-LE24L042CS-B Datasheet
832Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
logo
Sanyo Semicon Device
LE24C023M SANYO-LE24C023M Datasheet
168Kb / 11P
   Two Wire Serial Interface EEPROM
logo
ON Semiconductor
LE24162LBXA ONSEMI-LE24162LBXA Datasheet
788Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24CB1283 SANYO-LE24CB1283 Datasheet
188Kb / 12P
   Two Wire Serial Interface EEPROM (128K EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com