Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812GC223M4T1A Datasheet(PDF) 1 Page - AVX Corporation

Part # 1812GC223M4T1A
Description  For 600V to 3000V Automotive Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1812GC223M4T1A Datasheet(HTML) 1 Page - AVX Corporation

  1812GC223M4T1A Datasheet HTML 1Page - AVX Corporation 1812GC223M4T1A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
101
Notes: Capacitors with X7R dielectrics are not intended for applications across AC supply mains or AC line filtering with polarity reversal.
Please contact AVX for recommendations.
High Voltage MLC Chip Capacitors
For 600V to 3000V Automotive Applications – AEC-Q200
HOW TO ORDER
X7R DIELECTRIC PERFORMANCE CHARACTERISTICS
Modern automotive electronics could require components capable to work with high
voltage (e.g. xenon lamp circuits or power converters in hybrid cars). AVX offer high
voltage ceramic capacitors qualified according to AEC-Q200 standard.
High value, low leakage and small size are difficult parameters to obtain in capacitors
for high voltage systems. AVX special high voltage MLC chip capacitors meet these
performance characteristics and are designed for applications such as snubbers in
high frequency power converters, resonators in SMPS, and high voltage coupling / dc
blocking. These high voltage chip designs exhibit low ESRs at high frequencies.
Due to high voltage nature, larger physical dimensions are necessary. These larger
sizes require special precautions to be taken in applying of MLC chips. The
temperature gradient during heating or cooling cycles should not exceed 4ºC per
second. The preheat temperature must be within 50ºC of the peak temperature
reached by the ceramic bodies through the soldering process. Chip sizes 1210 and
larger should be reflow soldered only. Capacitors may require protective surface
coating to prevent external arcing.
To improve mechanical and thermal resistance, AVX recommend to use flexible
terminations system - FLEXITERM®.
*AVX offers nonstandard case sizes. Contact factory for details.
1210
AVX
Style
1206
1210
1808
1812
2220
C
Voltage
C = 630V
A = 1000V
S = 1500V
G = 2000V
W = 2500V
H = 3000V
C
Dielectric
C = X7R
223
Capacitance Code
(2 significant digits
+ no. of zeros)
e.g. 103 = 10nF
(223 = 22nF)
K
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
4
Failure Rate
4 = Automotive
T
Termination
T = Plated Ni/Sn
Z = FLEXITERM®
1
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Standard
Parameter/Test
Specification Limits
Measuring Conditions
Operating Temperature Range
-55°C to +125°C
Temperature Cycle Chamber
Capacitance
within specified tolerance
Freq.: 1kHz ±10%
Dissipation Factor
2.5% max.
Voltage: 1.0Vrm s ±0.2Vrms
Capacitance Tolerance
±5% (J), ±10% (K), ±20% (M)
T = +25°C, V = 0Vdc
Temperature Characteristics
X7R = ±15%
Vdc = 0V, T = (-55°C to +125°C)
100GΩ min. or 1000MΩ • μF min. (whichever is less)
T = +25°C, V = 500Vdc
Insulation Resistance
10GΩ min. or 100MΩ • μF min. (whichever is less)
T = +125°C, V = 500Vdc
(t ≥ 120 sec, I ≤ 50mA)
Dielectric Strength
No breakdown or visual defect
120% of rated voltage
t ≤ 5 sec, I ≤ 50mA
CHIP DIMENSIONS DESCRIPTION (See capacitance range chart on page 102)
L
W
T
tt
L = Length
W = Width
T = Thickness
t = Terminal


Similar Part No. - 1812GC223M4T1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1812GC223M-4T1A AVX-1812GC223M-4T1A Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
1812GC223M-4T3A AVX-1812GC223M-4T3A Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
1812GC223M-4Z1A AVX-1812GC223M-4Z1A Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
1812GC223M-4Z3A AVX-1812GC223M-4Z3A Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
More results

Similar Description - 1812GC223M4T1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805 AVX-0805 Datasheet
57Kb / 2P
   For 600V to 3000V Applications
1206AC222KAT1A AVX-1206AC222KAT1A_17 Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
2220HC103KAZ1A AVX-2220HC103KAZ1A Datasheet
57Kb / 2P
   High Voltage MLC Chips FLEXITERM For 600V to 3000V Applications
1812AC223KAT1A AVX-1812AC223KAT1A Datasheet
93Kb / 2P
   For 600V to 5000V Applications
1812HC471KAT1A AVX-1812HC471KAT1A Datasheet
93Kb / 2P
   For 600V to 5000V Applications
1808GC102KAT1A AVX-1808GC102KAT1A Datasheet
93Kb / 2P
   For 600V to 5000V Applications
1825 AVX-1825 Datasheet
134Kb / 2P
   For 600V to 5000V Applications
1206AC472KAT1A AVX-1206AC472KAT1A Datasheet
93Kb / 2P
   For 600V to 5000V Applications
1210GC222KAT1A AVX-1210GC222KAT1A Datasheet
93Kb / 2P
   For 600V to 5000V Applications
logo
Nell Semiconductor Co.,...
D4310E NELLSEMI-D4310E Datasheet
227Kb / 5P
   High voltage ratings up to 3000V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com