Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUC101890CSS20x Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HUC101890CSS20x
Description  Ultrastar짰 C10K1800
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUC101890CSS20x Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HUC101890CSS20x Datasheet HTML 1Page - List of Unclassifed Manufacturers HUC101890CSS20x Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
Ultrastar® C10K1800
Highlights
• Industry-leading 1.8TB1 capacity in a 10K RPM HDD, 50%
more than previous generations
• Best-in-class performance
—2.5X faster random write*
—23% faster sequential*
• Advance format (4KN and 512e) and 512n models
• 12Gb/s SAS moves more data quickly & reliably
• 128MB cache buffer manages data efficiency
• Advanced Power Management optimizes power
consumption
• Best-in-class power efficiency
• 2M hours MTBF2 rating and 5-year warranty
• Security & encryption models including ISE,
TCG-SED & FIPS 140-2 certified TCG-SED
Applications/Environments
• Tier 1 enterprise-class, high-performance servers in data
centers processing hot and warm data
• Traditional mission-critical enterprise-class servers and storage
• HPC, databases, OLTP, and BP applications requiring high
reliability and 24x7 availability
• Enterprise-class data security environments requiring
increased security & easy drive retirement
• Power- and space-constrained, mission-critical environments
2.5-INCH SFF ENTERPRISE 10K RPM HARD DISK DRIVES
Enterprise Security and
Reliability
The Ultrastar C10K1800 offers the broadest range of
encryption and security options available on SAS HDDs from
HGST, including Trusted Computing Group (TCG) enterprise
SSC-compliant Self-Encrypting Drives (SED) which provide
data protection without any performance loss, and TCG
with FIPS (Federal Information Processing Standard) 140-2
certification, which adds and tamper evidence protection
for the most stringent regulatory data security compliance
requirements. Instant Secure Erase (ISE) models enable fast,
cost-effective and secure drive repurposing and retirement.
C10K1800 extends the company’s long-standing tradition
of reliability leadership with a 2M hours MTBF rating and a
5-year limited warranty.
HGST Quality and Service
The Ultrastar C10K1800 extends the long-standing HGST
tradition of performance and reliability leadership. A
balanced combination of new and proven technologies
helps ensure high reliability and availability of customer data.
HGST drives are backed by an array of technical support
and services, which may include customer and integration
assistance. HGST is dedicated to providing a breadth of
hard disk drive solutions to satisfy all of today’s demanding
computing needs.
Big Capacity and Performance
in a Small Package
HGST delivers best-in-class capacity and performance in
one small form factor hard drive. The Ultrastar® C10K1800
is a 10K RPM enterprise-class HDD that stores up to 1.8TB
of data, 50% more capacity than prior generations, plus
delivers best-in-class active and idle power efficiency,
enabling next generation data centers to keep pace
with digital data growth and improve space and power
efficiencies. Data center architects can also leverage best-
in-class performance on the C10K1800, achieving up to 2.5X
better random write performance and 23% faster sequential
performance over prior generation 2.5-inch SFF 10K RPM
HDDs for demanding 24x7 enterprise workloads.
Technology Innovation
Ultrastar C10K1800 delivers unmatched performance
thanks to several HGST technology innovations including
media cache architecture, the industry’s fastest 12Gb/s
Serial-Attached SCSI (SAS) interface and advanced format
options. HGST’s media cache architecture is a disk-based
caching technology, which provides a large non-volatile
cache on the media resulting in improved reliability and
data integrity during unexpected power loss, as well as a
significant improvement in write performance even at high
workloads when compared to solutions with limited NAND
or flash-based NVC. The C10K1800 is the industry’s first
10K RPM drive to leverage an industry-leading 12Gb/s SAS
interface, enabling very high transfer rates between host and
drive. Advanced format models enable the industry’s highest
10K RPM capacity at 1.8TB with 4K native and 512 emulation
to support new systems, and also offers 512 native format
models to support legacy systems.
1.8TB / 1.2TB / 900GB / 600GB / 450GB / 300GB
10K RPM | 2.5-inch SFF | SAS 12Gb/s
Features & Benefits
Feature / Function
Benefits
Performance
• 10K RPM
• 12Gb/s SAS
• Media cache architecture
• Rotational Vibration Safeguard (RVS)
• Workload detector technology
• Low latency for faster access to data
• Industry’s fastest SAS interface for maximum throughput
• Significantly enhanced performance over solutions with limited NAND or flash-based non-volatile cache (NVC)
• Maintains optimum performance in multi-drive systems
• Maximizes performance in RAID environments
Capacity
Up to 1.8TB with Advanced Format
50% more capacity than previous generation 10K HDDs
Power Efficiency
• 2.5-inch form factor
• Advanced Power Management technology
• Consumes less power than previous generation 10K HDDs
• Optimizes power consumption to lower data center energy usage and cooling costs
*Compared to previous generation


Similar Part No. - HUC101890CSS20x

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HUC101212CSS600 ETC2-HUC101212CSS600 Datasheet
378Kb / 2P
   Highest capacity 10,000 RPM drive
HUC101212CSS601 ETC2-HUC101212CSS601 Datasheet
378Kb / 2P
   Highest capacity 10,000 RPM drive
More results

Similar Description - HUC101890CSS20x

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C15K600 ETC2-C15K600 Datasheet
316Kb / 2P
   Ultrastar짰 C15K600
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com