Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN5151 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCN5151
Description  Wired M-BUS Slave Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5151 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCN5151 Datasheet HTML 2Page - ON Semiconductor NCN5151 Datasheet HTML 3Page - ON Semiconductor NCN5151 Datasheet HTML 4Page - ON Semiconductor NCN5151 Datasheet HTML 5Page - ON Semiconductor NCN5151 Datasheet HTML 6Page - ON Semiconductor NCN5151 Datasheet HTML 7Page - ON Semiconductor NCN5151 Datasheet HTML 8Page - ON Semiconductor NCN5151 Datasheet HTML 9Page - ON Semiconductor NCN5151 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NCN5151
www.onsemi.com
6
Table 8. VDD REGULATOR ELECTRICAL CHARACTERISTICS (Note 14)
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Voltage on VDD (IDD < 15 mA)
3.1
3.3
3.6
V
IDD
Peak current that can be supplied by VDD Note 15 with condition VSTC > 3.8 V
15
mA
IDD, OFF
VBUS = 0 V, VSTC = 0 V
−0.5
0.5
mA
VPOR, ON
Power−on reset threshold to connect VDD
2.65
2.85
3.15
V
VPOR, OFF
Power−on reset threshold to disconnect VDD
2.55
2.75
3.00
V
VSTC,VDDON
Threshold voltage on pin STC to turn on VDD
regulator and pull high PF pin.
PMODE high (VB > 10.6 V)
M−Bus Mode
5.6
6.0
6.4
V
PMODE low (VB < 10.6 V)
Low Power Mode
3.1
3.4
3.6
V
VSTC,VDDOFF
Threshold voltage on pin STC to turn off VDD regulator and pull low PF pin
2.7
3.0
3.2
V
14. All voltages are referenced to GND
15. Average current draw limited by ISTC
Table 9. M−BUS RECEIVER ELECTRICAL CHARACTERISTICS (Note 16)
Symbol
Parameter
Min
Typ
Max
Unit
VT
Receiver threshold voltage
Mark −
8.2
Mark − 5.7
V
VSC
Mark level storage capacitor voltage
VB
V
ISC, charge
Mark level storage capacitor charge current
−40
−25
−15
mA
ISC, discharge
Mark level storage capacitor discharge current
0.3
0.6
−0.033 x
ISC, charge
mA
CDR
Charge/Discharge current ratio
30
40
VTX,OH1
VTXI,OH1
TX/TXI high−level voltage (ITX/ITXI = −100 mA) (Note 17)
VIO
0.6
VIO
V
VTXI,OL1
VTX,OL1
TX/TXI low−level voltage (ITX/ITXI = 100 mA)
0
0.20
0.35
V
VTX,OL2
TX/TXI low−level voltage (ITXI = 1.1 mA)
1
1.5
V
ITX, ITXI
VTX = 7.5 V, VSTC = 6 V
0
11
16
mA
16. All voltages are referenced to GND
17. VSTC > VIO + 1 V
Table 10. LOW POWER MODE RECEIVER ELECTRICAL CHARACTERISTICS (Note 18)
Symbol
Parameter
Min
Typ
Max
Unit
VTL,LP
Receiver low threshold voltage (Falling VBUS)
1.2
1.6
2.4
V
VTH,LP
Receiver high threshold voltage (Rising VBUS)
1.5
2
2.7
V
VTX,OH2
VTXI,OH2
TX/TXI high−level output voltage (ITX/ITXI = −100 mA) with VSTC ≥ VIO + 0.7 V
VIO
0.75
VIO
0.6
VIO
V
VTX,OH3
VTXI,OH3
TX/TXI high−level output voltage (ITX/ITXI = −50 mA) with VSTC ≥ VIO + 0.5 V
VIO
0.6
VIO
0.45
VIO
V
VTXI,OL3
VTX,OL3
TX/TXI low−level output voltage (ITX/ITXI = 100 mA)
0
0.20
0.35
V
18. All voltages are referenced to GND


Similar Part No. - NCN5151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5150 ONSEMI-NCN5150 Datasheet
178Kb / 12P
   Wired M-BUS Slave Transceiver
September, 2013 ??Rev. 2
NCN5150DG ONSEMI-NCN5150DG Datasheet
178Kb / 12P
   Wired M-BUS Slave Transceiver
September, 2013 ??Rev. 2
NCN5150DG ONSEMI-NCN5150DG Datasheet
132Kb / 12P
   Wired M-BUS Slave Transceiver
May, 2015 ??Rev. 3
NCN5150DR2G ONSEMI-NCN5150DR2G Datasheet
178Kb / 12P
   Wired M-BUS Slave Transceiver
September, 2013 ??Rev. 2
NCN5150DR2G ONSEMI-NCN5150DR2G Datasheet
132Kb / 12P
   Wired M-BUS Slave Transceiver
May, 2015 ??Rev. 3
More results

Similar Description - NCN5151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5150 ONSEMI-NCN5150_15 Datasheet
132Kb / 12P
   Wired M-BUS Slave Transceiver
May, 2015 ??Rev. 3
NCN5150 ONSEMI-NCN5150 Datasheet
178Kb / 12P
   Wired M-BUS Slave Transceiver
September, 2013 ??Rev. 2
logo
Texas Instruments
TSS521 TI1-TSS521 Datasheet
807Kb / 17P
[Old version datasheet]   Meter-Bus Transceiver (for Slave) Meets
logo
Actel Corporation
EP100 ACTEL-EP100 Datasheet
76Kb / 2P
   EP100 PowerPC Bus Slave
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
   I2C Bus Interface - Slave
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
DI2CSB DCD-DI2CSB Datasheet
136Kb / 4P
   I2C Bus Interface Slave - Base version
logo
Yamar Electronics Ltd.
SIG61 YAMAR-SIG61 Datasheet
594Kb / 15P
   Smart Slave for DC-BUS Powerline Network
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com