Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFAP-S250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFAP-S250
Description  Flex ATX 250W Server Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFAP-S250 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFAP-S250 Datasheet HTML 1Page - List of Unclassifed Manufacturers EFAP-S250 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EFAP-S250
Flex ATX 250W Server Power Supply
Features:
80PLUS® Bronze Level Efficiency
No Load < 0.5W
0~40℃ Working Temperature
Flex ATX Form Factor
Modular wire harness for customized wiring
General Specification
Input Range: 100 to 240 VAC, +/-10%
Power Factor: 0.95 minimum
Efficiency: ≥85% @ 115VAC
Hold Up Time: 17ms
Short Circuit Protection
Over Power Protection
Over Voltage Protection
MTBF >100,000 Hours@25℃
Operating Temperature: 0 to 40 ℃
Operating Humidity: 20 to 90 %
EMI/RFI: CE, FCC class A
Safety: UL, CB
Input and Output Characteristics
Input
Output
Voltage
Frequency
Current
Load
+3.3V
+5V
+12V1
+12V2
-12V
+5VSB
100~240
VAC
47~63Hz
Max. 5A
Max.Load
12A
14A
18A
-
0.3A
2A
Min.Load
0.1A
0.1A
1A
-
0A
0.1A
1. The +5 & +3.3 Volt combine total output shall not exceed 85 W
2. Total output shall not exceed 250W
Ripple and Noise
Output
+3.3V
+5V
+12V1/+12V2
-12V
5Vsb
Load Regulation
5%
 5%
 5%
 10%
 5%
Line Regulation
 1%
 1%
 1%
 1%
 1%
Ripple & Noise
50mV
50mV
120mV
120mV
50mV
Mechanical
Outline Dimension: 81.5x40.6x150(mm)


Similar Part No. - EFAP-S250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFAP-G350 ETC2-EFAP-G350 Datasheet
507Kb / 2P
   1U 350W SERVER POWER SUPPLY
More results

Similar Description - EFAP-S250

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TIPC250B TRUMPOWER-TIPC250B Datasheet
275Kb / 1P
   250W PS/2 ATX IPC Power Supply
TIPC250BE TRUMPOWER-TIPC250BE Datasheet
275Kb / 1P
   250W PS/2 ATX IPC Power Supply
logo
BOSER Technology Co., L...
ZKS-250WX BOSER-ZKS-250WX Datasheet
60Kb / 1P
   250W AC-DC ATX Power Supply supports ATX2.03
logo
Tumbler Technologies + ...
TMPC-250-1U TRUMPOWER-TMPC-250-1U Datasheet
336Kb / 2P
   1U 250W Medical Grade ATX PC Power Supply
logo
Advantech Co., Ltd.
96PS-A400WFX-2 ADVANTECH-96PS-A400WFX-2 Datasheet
414Kb / 2P
   400W Flex ATX Power Supply
27-Jun-2017
logo
Mean Well Enterprises C...
IPC-250_1108 MEANWELL-IPC-250_1108 Datasheet
381Kb / 3P
   250W Industrial 1U ATX 12V/P4 PC Power Supply
IPC-250 MEANWELL-IPC-250_10 Datasheet
377Kb / 3P
   250W Industrial 1U ATX 12V/P4 PC Power Supply
IPC-250 MEANWELL-IPC-250 Datasheet
1Mb / 3P
   250W Industrial 1U ATX 12V/P4 PC Power Supply
logo
Sparkle Power Inc.
SPI250F4BB SPI-SPI250F4BB Datasheet
76Kb / 1P
   250 Watts FLEX ATX Power Supply
logo
Advantech Co., Ltd.
PS8-250FATX-XE ADVANTECH-PS8-250FATX-XE Datasheet
223Kb / 2P
   FSP AC to DC 90-264V 250W W/PFC Switch Power Supply FLEX ATX
15Feb2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com