Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP373MU04TXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP373MU04TXG
Description  Load Switch Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP373MU04TXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP373MU04TXG Datasheet HTML 2Page - ON Semiconductor NCP373MU04TXG Datasheet HTML 3Page - ON Semiconductor NCP373MU04TXG Datasheet HTML 4Page - ON Semiconductor NCP373MU04TXG Datasheet HTML 5Page - ON Semiconductor NCP373MU04TXG Datasheet HTML 6Page - ON Semiconductor NCP373MU04TXG Datasheet HTML 7Page - ON Semiconductor NCP373MU04TXG Datasheet HTML 8Page - ON Semiconductor NCP373MU04TXG Datasheet HTML 9Page - ON Semiconductor NCP373MU04TXG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCP373
http://onsemi.com
8
EN
FLAG
IN
Vbus
Transciever
tON
Downstream Vbus connection
Battery output
Transciever
DIR
Figure 5. FLAG Status in Vbus Mode
Logic Inputs
To enable Charge operation (Charge Mode), the DIR pin
shall be forced to low and
EN to high. A high level on the
DIR pin disconnects IN pin from Vbus pin. DIR does not
overdrive an OVLO or UVLO fault (FLAG status is still
available).
Table 1. TABLE SELECTION OF CHARGE MODES
DIR
EN
MODE
Protection
OVP @ VBUS (+28 V, −28 V,
OVLO 5.77 V)
OCP (IN to VBUS)
OCP (VBUS to IN)
0
0
NA
NA
NA
NA
0
1
Charge
Yes
NA
NA
1
0
VBUS
Yes
Yes
NA
1
1
Disable
Yes (out off)
NA
NA
Negative Voltage and Reverse Current
The device protects the system connected on IN pin from
negative voltage occurring on Vbus pin, down to −28 V.
When a negative voltage occurs, the IN pins are
disconnected from Vbus pins. This negative protection is
available in all modes
Thermal Shutdown Protection
In case of internal overheating, the integrated thermal
shutdown protection allows to open the internal MOSFET
in order to instantaneously decrease the device temperature.
The thermal threshold has been set at 150
°C. FLAG is then
tied to low to inform the MCU.
As the thermal hysteresis is 30
°C, the MOSFET will be
closed as soon the device temperature falls down to 120
°C.
If the fault event is still present, the temperature increase
one more time and engages the thermal shutdown one more
time until fault event disappeared.


Similar Part No. - NCP373MU04TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP370 ONSEMI-NCP370 Datasheet
165Kb / 11P
   Positive and Negative Overvoltage Protection with Internal Low RON N-MOSFETs and Reverse Charge Control Pin
December, 2008 ??Rev. 2
NCP370 ONSEMI-NCP370 Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
NCP370MUAITXG ONSEMI-NCP370MUAITXG Datasheet
165Kb / 11P
   Positive and Negative Overvoltage Protection with Internal Low RON N-MOSFETs and Reverse Charge Control Pin
December, 2008 ??Rev. 2
NCP370MUAITXG ONSEMI-NCP370MUAITXG Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
NCP370 ONSEMI-NCP370_11 Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
More results

Similar Description - NCP373MU04TXG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2148 FAIRCHILD-FPF2148 Datasheet
760Kb / 12P
   Full Function Load Switch
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
   Load Switch IC with Current Limit function
logo
Torex Semiconductor
XC8110 TOREX-XC8110 Datasheet
1Mb / 30P
   Load switch IC with ideal diode function
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com