Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6502UKP065-T Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAX6502UKP065-T
Description  Ultra Small Temperature Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX6502UKP065-T Datasheet(HTML) 2 Page - ON Semiconductor

  MAX6502UKP065-T Datasheet HTML 1Page - ON Semiconductor MAX6502UKP065-T Datasheet HTML 2Page - ON Semiconductor MAX6502UKP065-T Datasheet HTML 3Page - ON Semiconductor MAX6502UKP065-T Datasheet HTML 4Page - ON Semiconductor MAX6502UKP065-T Datasheet HTML 5Page - ON Semiconductor MAX6502UKP065-T Datasheet HTML 6Page - ON Semiconductor MAX6502UKP065-T Datasheet HTML 7Page - ON Semiconductor MAX6502UKP065-T Datasheet HTML 8Page - ON Semiconductor MAX6502UKP065-T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MAX6501, MAX6502
http://onsemi.com
2
MAXIMUM RATINGS*
Rating
Symbol
Value
Unit
Supply Voltage
VCC
-0.3 to +7.0
V
TOVER (MAX6501)
-
-0.3 to +7.0
V
TOVER (MAX6502)
-
-0.3 to (VCC +0.3)
V
All Other Pins
-
-0.3 to (VCC +0.3)
V
Input Current (All Pins)
-
20
mA
Output Current (All Pins)
-
20
mA
Operating Temperature Range
-
-55 to +125
°C
Storage Temperature Range
Tstg
-65 to +165
°C
Lead Temperature (Soldering, 10 seconds)
-
+300
°C
Power Dissipation (TA = +70°C)
(Derate 7.1 mW/
°C Above +70°C)
-
571
mW
*Static-sensitive device. Unused devices must be stored in conductive material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS VCC = +2.7 V to +5.5 V, RPULL- UP = 100 KΩ (MAX6501 only), CCOUPLING = 100 pF from VCC
to GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.
Characteristics
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply Voltage Range
-
VCC
2.7
-
5.5
V
Supply Current
-
ICC
-
17
40
µA
Temperature Threshold Accuracy
(Note 1)
+45
°C to +65°C
+75
°C to +115°C
∆TTH
-4.0
-6.0
"0.5
"0.5
4.0
6.0
°C
Temperature Threshold Hysteresis
HYST = GND
HYST = VCC
THYST
-
-
2.0
10
-
-
°C
HYST Input Threshold
-
VIH
0.8 x VCC
-
-
V
HYST Input Threshold
-
VIL
-
-
0.2 x VCC
V
Output Voltage High
ISOURCE = 500 µA, VCC u 2.7 V
(MAX6502 Only)
ISOURCE = 800 µA, VCC u 4.5 V
(MAX6502 Only)
VOH
0.8 x VCC
VCC -1.5
-
-
-
-
V
Output Voltage Low
ISINK = 1.2 mA, VCC u 2.7 V
ISINK = 3.2 mA, VCC u 4.5 V
VOL
-
-
-
-
0.3
0.4
V
Open-Drain Output Leakage Current
VCC = 2.7 V, VTOVER = 5.5 V
(MAX6501 Only)
-
-
10
-
nA
1. The MAX6501 and MAX6502 are available with internal, factory-programmed temperature trip thresholds from +45
°C to +115°C in +10°C
increments.


Similar Part No. - MAX6502UKP065-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6502UKP065-T MAXIM-MAX6502UKP065-T Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
More results

Similar Description - MAX6502UKP065-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Omron Electronics LLC
B3U OMRON-B3U Datasheet
1Mb / 6P
   Ultra-small Tactile Switch
logo
ON Semiconductor
NL7WB66 ONSEMI-NL7WB66_11 Datasheet
124Kb / 7P
   Ultra-Small SPST Analog Switch
August, 2011 ??Rev. 4
NL7WB66USG ONSEMI-NL7WB66USG Datasheet
124Kb / 7P
   Ultra-Small SPST Analog Switch
August, 2011 ??Rev. 4
NL7WB66 ONSEMI-NL7WB66 Datasheet
86Kb / 10P
   Ultra-Small SPST Analog Switch
August, 2003 ??Rev. P0
NL7WB66 ONSEMI-NL7WB66_15 Datasheet
81Kb / 7P
   Ultra-Small SPST Analog Switch
July, 2015 ??Rev. 6
logo
Texas Instruments
TMP390 TI1-TMP390 Datasheet
995Kb / 28P
[Old version datasheet]   Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Temperature Switch
logo
Analog Technologies, In...
ATTB32B ANALOGTECHNOLOGIES-ATTB32B Datasheet
143Kb / 2P
   Ultra Small High Temperature Plastic Tubing
6/11/2015
ATTB30B ANALOGTECHNOLOGIES-ATTB30B Datasheet
144Kb / 2P
   Ultra Small High Temperature Plastic Tubing
6/11/2015
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK Datasheet
472Kb / 10P
   1 W ULTRA SMALL SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com