Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPF-90-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-90-48
Description  90W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-90-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NPF-90-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-90-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-90-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-90-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-90-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
90W Single Output Switching Power Supply
NPF-90D series
■ Model Encoding
■ Description
NPF-90D is one 90W waterproof single-output LED power supply series. In addition to the fundamental
resistance) that simplifies the brightness adjustment for system designers so as to achieve light reduction
and energy saving. The entire series adopts the universal input range from 90VAC to 305VAC and
incorporates a built-in PFC function. The enclosure design is a 94V-0 flame retardant plastic case. The
interior is fully potted with silicone that enhances the heat dissipation and allows the power supply to
meet the anti-vibration demand up to 5G; it also thus conforms to IP67 level, enabling NPF-90D to be
used in a highly dusty and highly humid harsh environment.
Providing a high efficiency up to 90.5% and a low no load power consumption below 0.5W, NPF-90D can
meet the energy saving demand for the new generation LED lighting. The class
design (without FG pin)
and the double insulation weather-resistant cable (SJTW) make it convenient for users to flexibly install
on various types of lighting systems. The entire series can operate under the temperature between -40~
+70 and comply with the relevant global lighting safety certification.
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
High efficiency up to 90.5%
Protections: Short circuit / Over current / Over voltage
/ Over temperature
Cooling by free air convection
Fully isolated plasticcase
Fully encapsulated with IP67 level
Class
power unit, no FG
Built-in 3 in 1 dimming function (0~10Vdc or PWM signal or resistance)
Suitable for dry / damp / wet locations
No load power consumption<0.5W
5 years warranty
Indoor LED lighting
LED decorative lighting
LED architecture lighting
Moving sign
Tunnel lighting
■ Features
■ Applications
IP67
FM
M
110
SELV
Output voltage
Built-in 3 in 1 dimming function
Output wattage
Series name
-
D12
NPF - 90
File Name:NPF-90D-SPEC 2015-11-30
LED driving function, NPF-90D is equipped with built-in 3 in 1 dimming function (0~10Vdc, PWM signal or


Similar Part No. - NPF-90-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-90D MEANWELL-NPF-90D Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
NPF-90D-12 MEANWELL-NPF-90D-12 Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
NPF-90D-15 MEANWELL-NPF-90D-15 Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
NPF-90D-20 MEANWELL-NPF-90D-20 Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
NPF-90D-24 MEANWELL-NPF-90D-24 Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
More results

Similar Description - NPF-90-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
   90W Single Output Switching Power Supply
LPF-90_1108 MEANWELL-LPF-90_1108 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
LPF-90D MEANWELL-LPF-90D Datasheet
255Kb / 4P
   90W Single Output Switching Power Supply
LPF-90D_1112 MEANWELL-LPF-90D_1112 Datasheet
206Kb / 4P
   90W Single Output Switching Power Supply
LPF-90_1112 MEANWELL-LPF-90_1112 Datasheet
164Kb / 3P
   90W Single Output Switching Power Supply
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
NPF-90D MEANWELL-NPF-90D Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
HLG-80H-C MEANWELL-HLG-80H-C Datasheet
221Kb / 6P
   90W Single Output LED Power Supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
   90W PWM output LED power supply
logo
SL Power Electronics
TE90 SLPOWER-TE90 Datasheet
872Kb / 5P
   90W Single Output External Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com