Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWM-90-24 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # PWM-90-24
Description  90W PWM output LED power supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PWM-90-24 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  PWM-90-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PWM-90-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PWM-90-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PWM-90-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. PWM-90-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. PWM-90-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277V
230V
115V
INPUT VOLTAGE (V) 60Hz
90
100
125
135
145
155
165
175
180
200
230
305
100
90
80
70
60
50
40
Derating Curve
Derating Curve
Static Characteristics
175
Block Diagram
DETECTION
DIMMING
PWM & PFC
CIRCUIT
CIRCUIT
O.L.P.
O.T.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC fosc : 50~120KHz
PWM fosc : 60~130KHz
DIM+
DIM-
Power Factor Characteristic
LOAD
(90W)
Constant Voltage Mode
AMBIENT TEMPERATURE (
)
230VAC
Input only
-40
-25
0
-10
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
50
90W PWM output LED power supply
PWM-90 series
File Name:PWM-90-SPEC 2015-10-17


Similar Part No. - PWM-90-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-120 MEANWELL-PWM-120 Datasheet
124Kb / 6P
   120W PWM output LED power supply
PWM-120-12 MEANWELL-PWM-120-12 Datasheet
124Kb / 6P
   120W PWM output LED power supply
PWM-120-12BLE MEANWELL-PWM-120-12BLE Datasheet
955Kb / 8P
   120W Wireless Lighting Constant Voltage LED Driver Solution
PWM-120-12KN MEANWELL-PWM-120-12KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-120-12KN MEANWELL-PWM-120-12KN Datasheet
748Kb / 7P
   120W Constant Voltage PWM Output KNX LED Driver
2022-02-18
More results

Similar Description - PWM-90-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-80H-C MEANWELL-HLG-80H-C Datasheet
221Kb / 6P
   90W Single Output LED Power Supply
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
   90W Single Output Switching Power Supply
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
LPF-90_1108 MEANWELL-LPF-90_1108 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
LPF-90D MEANWELL-LPF-90D Datasheet
255Kb / 4P
   90W Single Output Switching Power Supply
LPF-90D_1112 MEANWELL-LPF-90D_1112 Datasheet
206Kb / 4P
   90W Single Output Switching Power Supply
LPF-90_1112 MEANWELL-LPF-90_1112 Datasheet
164Kb / 3P
   90W Single Output Switching Power Supply
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
NPF-90D MEANWELL-NPF-90D Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
   60W PWM output LED power supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com