Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPS-45-15 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # RPS-45-15
Description  45W Single Output Medical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPS-45-15 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  RPS-45-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPS-45-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RPS-45-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RPS-45-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mechanical Specification
Case No. Unit:mm
AC Input Connector (CN1) : JST B3P-VH or equivalent
Pin No.
1
2
3
Assignment
AC/N
No Pin
AC/L
Mating Housing
JST VHR
JST SVH-21T-P1.1
or equivalent
or equivalent
Terminal
DC Output Connector (CN2) : JST B2P-VH or equivalent
Pin No.
1
2
Assignment
+V
+V
Mating Housing
JST VHR
or equivalent
Terminal
JST SVH-21T-P1.1
or equivalent
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
File Name:
-SPEC 2015-11-04
RPS 45
-
45W Single Output Medical Type
RPS-45 series
LED
CN1
3.175
69.85
76.2
CN2
1
2
FS1
AC FUSE
T2A/250V
4-
3.2
ψ
3
2
1
3
4
SVR1
HS1
HS100
3-V
4-V


Similar Part No. - RPS-45-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-400 MEANWELL-RPS-400 Datasheet
1Mb / 10P
   400W Reliable Green Medical Power Supply
logo
Advantech Co., Ltd.
RPS-400ATX-ZE ADVANTECH-RPS-400ATX-ZE Datasheet
1Mb / 3P
   Redundant Power Supplies
More results

Similar Description - RPS-45-15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
   45W Single Output Medical Type
MPS-45 MEANWELL-MPS-45_11 Datasheet
305Kb / 2P
   45W Single Output Medical Type
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
   45W Single Output Medical Type
logo
Astrodyne Corporation
MPS-45 ASTRODYNE-MPS-45 Datasheet
1Mb / 6P
   45W Single Output for Medical Type
MPS45 ASTRODYNE-MPS45 Datasheet
337Kb / 4P
   45W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPD-45_1112 MEANWELL-MPD-45_1112 Datasheet
318Kb / 2P
   45W Dual Output Medical Type
MPT-45_1112 MEANWELL-MPT-45_1112 Datasheet
322Kb / 2P
   45W Triple Output Medical Type
MPT-45 MEANWELL-MPT-45 Datasheet
303Kb / 2P
   45W Triple Output Medical Type
MPD-45 MEANWELL-MPD-45 Datasheet
300Kb / 2P
   45W Dual Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com