Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPS-65-5 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RPS-65-5
Description  65W Single Output Medical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPS-65-5 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RPS-65-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPS-65-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RPS-65-5 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RPS-65-5 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
65W Single Output Medical Type
RPS-65 series
- 3.3
RPS 65
Output wattage
Output voltage
EN 60601-1
IEC 60601-1
8
-
Series name
File Name:
-SPEC 2015-11-04
RPS 65
-
Applications
Features
Oral irrigator
Hemodialysis machine
Medical monitors
Sleep apnea devices
Description
Model Encoding
3"×2" miniature size
Universal AC input / Full range
Class
(without FG) installations
Medical safety approved
(2 x MOPP between primary to secondary)
Suitable for BF application with appropriate system consideration
Low leakage current <100 A
μ
No load power consumption<0.1W
High efficiency up to 91%
For 1U applications
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
-30~70 wide range of operating temperature
Operating altitude up to 4000 meters(Note 6.)
LED indicator for power on
3 years warranty
RPS-65 is a 65W highly reliable green PCB type medical power supply with a high power density on the 3”
by 2” footprint. It accepts 80~264VAC input and offers various output voltages between 3.3V and 48V. The
working efficiency is up to 91% and the extremely low no load power consumption is down below 0.1W.
RPS-65 is able to be used for Class
(no FG) system design. The extremely low leakage current is less
than 100 A. In addition, it conforms to international medical regulations (2*MOPP) and EMC EN55011,
μ
perfectly fitting all kinds of BF rated “patient contact” medical system equipment.y


Similar Part No. - RPS-65-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60 Datasheet
298Kb / 2P
   60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60 Datasheet
312Kb / 2P
   60W Single Output Medical Type
RPS-60-12 MEANWELL-RPS-60-12 Datasheet
287Kb / 2P
   60W Single Output Medical Type
RPS-60-12 MEANWELL-RPS-60-12 Datasheet
298Kb / 2P
   60W Single Output Medical Type
More results

Similar Description - RPS-65-5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
   65W Single Output Medical Type
MPS-65 MEANWELL-MPS-65_11 Datasheet
339Kb / 2P
   65W Single Output Medical Type
logo
Astrodyne Corporation
MPS65 ASTRODYNE-MPS65 Datasheet
348Kb / 4P
   65W Single Output for Medical Type
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
   65W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPT-65_1112 MEANWELL-MPT-65_1112 Datasheet
355Kb / 2P
   65W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65 Datasheet
337Kb / 2P
   65W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65_11 Datasheet
340Kb / 2P
   65W Triple Output Medical Type
MPD-65 MEANWELL-MPD-65_11 Datasheet
338Kb / 2P
   65W Dual Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com