Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA40E24-P1J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SGA40E24-P1J
Description  40W AC-DC High Reliability Slim Wall-mounted Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SGA40E24-P1J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SGA40E24-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SGA40E24-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SGA40E24-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E series
File Name:SGA40E-SPEC 2015-08-28
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
SETUP, RISE, HOLD UP TIME
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
LIFE
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
9V
12V
15V
18V
24V
48V
SGA40E05
SGA40E09
SGA40E12
SGA40E15
SGA40E18
SGA40E24
SGA40E48
SGA40E05-P1J SGA40E09-P1J SGA40E12-P1J SGA40E15-P1J SGA40E18-P1J SGA40E24-P1J SGA40E48-P1J
5A
4.44A
3.33A
2.66A
2.22A
1.67A
0.84A
0 ~ 5A
0 ~ 4.44A
0 ~ 3.33A
0 ~ 2.66A
0 ~ 2.22A
0 ~ 1.67A
120mVp-p
120mVp-p
120mVp-p
120mVp-p
120mVp-p
150mVp-p
150mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
±5.0%
±3.0%
±2.0%
±2.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±3.0%
±2.0%
±2.0%
±2.0%
±2.0%
90 ~ 264VAC
47 ~ 63Hz
1A / 115VAC
0.5A / 230VAC
40A / 115VAC
70A / 230VAC
0.25mA / 240VAC
TUV EN60950-1 approved
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:4242VDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
3 years : 100% load 40
, 12hours / day
400Khrs min. MIL-HDBK-217F(25
)
-20 ~ +50
(Refer to "Derating Curve")
20% ~ 90% RH non-condensing
-20 ~ +85
, 10 ~ 95% RH
±℃
0.03% /
(0 ~ 40
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
75.5*32*47.5mm (L*W*H)
165g ; 60pcs / 13kg / CARTON
CONNECTOR
PLUG
CABLE
25W
40W
40W
40W
40W
40W
40W
0 ~ 0.84A
1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 10% to 100% rated load
7.Derating may be needed under low input voltages. Please check the static characteristics for more details.
8.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
OVERLOAD
OVER VOLTAGE
110 ~ 250% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
110 ~ 140% rated output voltage
Protection type : Clamp by zener diode, output short
Compliance to EN55022 class B, EN61000-3-2,3
500ms, 100ms, 12ms/230VAC
500ms, 100ms, 12ms/115VAC at full load
84.5%
88%
86.5%
86.5%
87%
88%
89%
EMC EMISSION
See page 3 ; Other type available by customer requested
See page 3 ; Other type available by customer requested
Compliance to EN61000-4,-2,3,4,5,6,8,11, light industry level, criteria A
EMC IMMUNITY
VOLTAGE RANGE
Note.7


Similar Part No. - SGA40E24-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U05-P1J MEANWELL-SGA40U05-P1J Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U09-P1J MEANWELL-SGA40U09-P1J Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U12-P1J MEANWELL-SGA40U12-P1J Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U15-P1J MEANWELL-SGA40U15-P1J Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
More results

Similar Description - SGA40E24-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E MEANWELL-SGA60E Datasheet
88Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U MEANWELL-SGA60U Datasheet
75Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12U MEANWELL-SGA12U Datasheet
94Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25U MEANWELL-SGA25U Datasheet
74Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com