Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608C0G1H681K080AA Datasheet(PDF) 1 Page - TDK Electronics

Part # C1608C0G1H681K080AA
Description  Commercial Grade ( General (Up to 50V) )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608C0G1H681K080AA Datasheet(HTML) 1 Page - TDK Electronics

  C1608C0G1H681K080AA Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( General (Up to 50V) )
C1608 [EIA CC0603]
L
1.60mm +/-0.1mm
W
0.80mm +/-0.1mm
T
0.80mm +/-0.1mm
B
0.20mm Min.
G
0.30mm Min.
C0G (-55 to 125 degC 0+/-30ppm/degC)
1H (50Vdc)
680pF
K (+/-10%)
1000 Min.
10Gohm Min.
Not Applicable
All specifications are subject to change without notice.
January 3, 2016
C1608C0G1H681K080AA
TDK Item Description : C1608C0G1H681KT****
Cap. vs. Freq. Characteristic
1
10
100
1000
10000
1
10
100
1000
10000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1020
3040
5060
DC Bias/V
Temperature Characteristics
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-60
-40
-20
0
20
40
60
80
100
120
140
160
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Q Factor
Insulation Resistance
AEC-Q200


Similar Part No. - C1608C0G1H681K080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G1H681K080AA TDK-C1608C0G1H681K080AA_17 Datasheet
183Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608C0G1H681K080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608CH1H221J TDK-C1608CH1H221J Datasheet
123Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C4532X7R1H685M TDK-C4532X7R1H685M Datasheet
132Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005C0G1H080D050BA TDK-C1005C0G1H080D050BA_16 Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005CH1H0R5C050BA TDK-C1005CH1H0R5C050BA_16 Datasheet
129Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005CH1H020B050BA TDK-C1005CH1H020B050BA_16 Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1E224K050BC TDK-C1005X5R1E224K050BC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1E683M050BC TDK-C1005X5R1E683M050BC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1H102K050BA TDK-C1005X5R1H102K050BA Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1H222K050BA TDK-C1005X5R1H222K050BA Datasheet
139Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1608C0G1E472J080AA TDK-C1608C0G1E472J080AA Datasheet
131Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1608X5R1H104K080AA TDK-C1608X5R1H104K080AA_16 Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com