Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2R300C Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # HA2R300C
Description  PCI Cards protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HA2R300C Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  HA2R300C Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HA2R300C Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HA2R300C Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(Ø8x6mm)
2-Electrode Gas Discharge Tubes
5KA / 3KA
1:Dimension(mm)
Fast Delivery Time
2:Main Applications
•PCI Cards protection
•Telephone/Fax/Modem protection
•single line protection
•ADSL/XDSL Splitter,Power Supply
•Surge Protection Device/Surge Protector
3:Features
100% Lead-Free(RoHs Compliant )
•Non-Radioactive
•Low capacitance (≤1pF)
•Fast Response-time,High Insulation Resistance.
•Small size :Ø8x6(mm)
4 Electrical Characteristics
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse discharge
current(
8/20
μs)
AC discharge
current
(50Hz,1s,10ti
mes)
Capacitan
ce
(1MHz)
V
V
V
10 Times
1 Time
A
PF
HA2R75C
75±20%
<500
<600
>1
5KA
8KA
5
≤1
HA2R90C
90±20%
<500
<600
>1
5KA
8KA
5
≤1
HA2R150C
150±20%
<500
<600
>1
5KA
8KA
5
≤1
HA2R230C
230±20%
<600
<700
>1
5KA
8KA
5
≤1
HA2R250C
250±20%
<600
<700
>1
5KA
8KA
5
≤1
HA2R300C
300±20%
<800
≤ 900
>1
5KA
8KA
5
≤1
HA2R350C
350±20%
<900
≤ 1000
>1
5KA
8KA
5
≤1
HA2R400C
400±20%
<900
≤ 1000
>1
5KA
8KA
5
≤1
HA2R420C
420±20%
<900
≤ 1000
>1
5KA
8KA
5
≤1
HA2R470C
470±20%
<1100
≤ 1200
>1
5KA
8KA
5
≤1
HA2R500C
500±20%
<1100
≤ 1200
>1
5KA
8KA
5
≤1
HA2R600C
600±20%
<1200
≤ 1300
>1
5KA
8KA
5
≤1
HA2R800C
800±20%
<1300
≤ 1400
>1
5KA
8KA
5
≤1
HA2R1000C
1000±20%
<1400
≤ 1500
>1
5KA
8KA
5
≤1
1
Table continues on next page
Revised:February 25,2014
www.huaandz.com


Similar Part No. - HA2R300C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HA2R3000B HUAXINAN-HA2R3000B Datasheet
201Kb / 3P
   PCI Cards protection
HA2R300A HUAXINAN-HA2R300A Datasheet
192Kb / 2P
   PCI Cards protection
HA2R300B HUAXINAN-HA2R300B Datasheet
201Kb / 3P
   PCI Cards protection
HA2R300S HUAXINAN-HA2R300S Datasheet
206Kb / 2P
   PCI Cards protection
HA2R300S6 HUAXINAN-HA2R300S6 Datasheet
193Kb / 2P
   PCI Cards protection
More results

Similar Description - HA2R300C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HA2R75E HUAXINAN-HA2R75E Datasheet
194Kb / 2P
   PCI Cards protection
HA3R75A HUAXINAN-HA3R75A Datasheet
206Kb / 2P
   PCI Cards protection
HA3R75D HUAXINAN-HA3R75D Datasheet
238Kb / 4P
   PCI Cards protection
HA2R75S86 HUAXINAN-HA2R75S86 Datasheet
192Kb / 2P
   PCI Cards protection
HA2R75A HUAXINAN-HA2R75A Datasheet
192Kb / 2P
   PCI Cards protection
HA2R75S HUAXINAN-HA2R75S Datasheet
206Kb / 2P
   PCI Cards protection
HA3R75G HUAXINAN-HA3R75G Datasheet
202Kb / 2P
   PCI Cards protection
HA2R75S8 HUAXINAN-HA2R75S8 Datasheet
207Kb / 2P
   PCI Cards protection
HA3R75S8 HUAXINAN-HA3R75S8 Datasheet
209Kb / 2P
   PCI Cards protection
HA3R75B HUAXINAN-HA3R75B Datasheet
202Kb / 2P
   PCI Cards protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com