Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN101E30N Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MN101E30N
Description  8-bit Single-chip Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101E30N Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button MN101E30N Datasheet HTML 2Page - Panasonic Semiconductor MN101E30N Datasheet HTML 3Page - Panasonic Semiconductor MN101E30N Datasheet HTML 4Page - Panasonic Semiconductor MN101E30N Datasheet HTML 5Page - Panasonic Semiconductor MN101E30N Datasheet HTML 6Page - Panasonic Semiconductor MN101E30N Datasheet HTML 7Page - Panasonic Semiconductor MN101E30N Datasheet HTML 8Page - Panasonic Semiconductor MN101E30N Datasheet HTML 9Page - Panasonic Semiconductor MN101E30N Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
MN101E30N/E30R/EF30R
8-bit Single-chip Microcontroller
Publication date: October 2015
6
PubNo. 2163001-019E
-Clock source
fpll, fpll/4, fpll/16, fpll/32, fpll/64, fpll/128, fs/2, fs/4, fs/8, fx, external clock, TimerA
output
Timer 2 (8-bit timer for general use)
- Square wave output (timer pulse output), added pulse(2-bit) system PWM output (can be
output to large current pin TM2IOB), event count, simple pulse with measurement, 24-bit
cascade connected (timer0, 1) timer synchronous output event
- Clock source
fpll, fpll/4, fpll/16, fpll/32, fpll/64, fpll/128, fs/2, fs/4, fs/8, fx, external clock, TimerA
output
- Real timer output control
Control the timer (PWM) output by the falling edge of external interrupt 0 (IRQ0) with
the follow 3 value; “High”-fixed, “LOW”-fixed and “Hi-Z”-fixed
Timer 3 (8-bit timer for general use)
- Square wave output (timer pulse output), event count, remote control carrier output, 16bit
cascade connected (timer2), 32-bit cascade connected (timer0, 1, 2)
- Clock source
fpll, fpll/4, fpll/16, fpll/32, fpll/64, fpll/128, fs/2, fs/4, fs/8, fx, external clock, TimerA
output
Timer 4 (8-bit timer for general use)
- Square wave output (timer pulse output), added pulse(2-bit) system PWM output, event
count, serial transfer clock, simple pulse measurement
- Clock source
fpll, fpll/4, fpll/16, fpll/32, fpll/64, fpll/128, fs/2, fs/4, fs/8, fx, external clock, TimerA
output
Timer 6 (8-bit free-running timer, Time base timer)
8-bit free-running timer
- Clock source
fpll, fpll/212, fpll/213, fs, fx, fx/212, fx/213
Time base timer
- Interrupt generation cycle
fpll/27, fpll/28, fpll/29, fpll/210, fpll/213, fpll/215, fx/27, fx/28, fx/29, fx/210, fx/213, fx/215
Timer 7 (16-bit timer for general use)
- Clock source
fpll, fpll/2, fpll/4, fpll/16, fs, fs/2, fs/4, fs/16
1/1, 1/2, 1/4, 1/16 of the external clock, TimerA output
- Hardware organization
Compare register with double buffer: 2 sets


Similar Part No. - MN101E30N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101E30R PANASONIC-MN101E30R Datasheet
391Kb / 3P
   MN101E30R
More results

Similar Description - MN101E30N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com