Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN1N759DUR-1 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN1N759DUR-1
Description  SILICON 400 mW ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN1N759DUR-1 Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN1N759DUR-1 Datasheet HTML 1Page - Microsemi Corporation JAN1N759DUR-1 Datasheet HTML 2Page - Microsemi Corporation JAN1N759DUR-1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon 500 mW Zener Diodes
SCOTTSD A L E DIVISION
1N746 thru 1N759A, -1 and
1N4370 thru 1N4372A, -1 DO-35
ELECTRICAL CHARACTERISTICS* @ 25oC
MAXIMUM REVERSE
CURRENT IR
@ VR = 1 VOLT
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
(NOTE 2)
ZENER
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT @ IZT
(NOTE 3)
@25ºC
@+150ºC
MAXIMUM
ZENER
CURRENT
IZM
(NOTE 4)
TYPICAL
TEMP COEFF.
OF ZENER
VOLTAGE
αVZ
JEDEC
TYPE NO.
(NOTE1)
VOLTS
mA
OHMS
µA
µA
mA
%/
oC
1N4370
1N4371
1N4372
2.4
2.7
3.0
20
20
20
30
30
29
100
75
50
200
150
100
150
135
120
-.085
-.080
-.075
1N746
1N747
1N748
3.3
3.6
3.9
20
20
20
28
24
23
10
10
10
30
30
30
110
100
95
-.066
-.058
-.046
1N749
1N750
1N751
1N752
4.3
4.7
5.1
5.6
20
20
20
20
22
19
17
11
2
2
1
1
30
30
20
20
85
75
70
65
-.033
-.015
+/-.010
+.030
1N753
1N754
1N755
1N756
6.2
6.8
7.5
8.2
20
20
20
20
7
5
6
8
.1
.1
.1
.1
20
20
20
20
60
55
50
45
+.049
+.053
+.057
+.060
1N757
1N758
1N759
9.1
10.0
12.0
20
20
20
10
17
30
.1
.1
.1
20
20
20
40
35
30
+.061
+.062
+.062
* JEDEC Registered Data
NOTE 1: Standard tolerance on JEDEC types shown is +/- 10%. Suffix letter A denotes +/- 5% tolerance; suffix
letter C denotes +/- 2%; and suffix letter D denotes +/- 1% tolerance.
NOTE 2: Voltage measurements to be performed 20 seconds after application of dc test current.
NOTE 3: Zener impedance derived by superimposing on
IZT, a 60 cps, rms ac current equal to 10% IZT (2mA ac). See MicroNote 202 for
typical zener Impedance variation with different operating currents.
NOTE 4: Allowance has been made for the increase in
VZ due to ZZ and for the increase in junction temperature as the unit approaches
thermal equilibrium at the power dissipation of 400 mW.
GRAPHS
TL – LEAD TEMPERATURE (
oC) 3/8” FROM BODY or
NOMINAL ZENER VOLTAGE (VOLTS)
TA on FR4 PC BOARD
FIGURE 1
FIGURE 2
POWER DERATING CURVE
ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
10-31-2003 REV B


Similar Part No. - JAN1N759DUR-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
JAN1N759AUR-1 CDI-DIODE-JAN1N759AUR-1 Datasheet
25Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Microsemi Corporation
JAN1N759AUR-1 MICROSEMI-JAN1N759AUR-1 Datasheet
44Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
More results

Similar Description - JAN1N759DUR-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
logo
Motorola, Inc
1N821 MOTOROLA-1N821 Datasheet
36Kb / 4P
   TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
1N821A MOTOROLA-1N821A Datasheet
41Kb / 3P
   TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
   400 mW low voltage avalanche low noise silicon zener diodes
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
1N4678 MICROSEMI-1N4678 Datasheet
48Kb / 1P
   SILICON 250 mW ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com