Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80182 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z80182
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80182 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z80182 Datasheet HTML 5Page - Zilog, Inc. Z80182 Datasheet HTML 6Page - Zilog, Inc. Z80182 Datasheet HTML 7Page - Zilog, Inc. Z80182 Datasheet HTML 8Page - Zilog, Inc. Z80182 Datasheet HTML 9Page - Zilog, Inc. Z80182 Datasheet HTML 10Page - Zilog, Inc. Z80182 Datasheet HTML 11Page - Zilog, Inc. Z80182 Datasheet HTML 12Page - Zilog, Inc. Z80182 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
3-9
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
/W//REQB.
Wait/Request (output, open drain when
programmed for the Wait function, driven High or Low
when programmed for a Request function). This pin is
similar in functionality to /W//REQA but is applicable on
channel B. The /W//REQB signal is multiplexed with the
Z180 MPU CKS signal and the 16550 MIMIC interface
/HTxRDY signal on the CKS//W//REQB//HTxRDY pin.
16550 MIMIC INTERFACE SIGNALS
HD7-HD0.
Host Data Bus (input/output, tri-state). In Z80182/
Z8L182 mode 1, the host data bus is used to communicate
between the 16550 MIMIC interface and the PC/XT/AT. It
is multiplexed with the PA7-PA0 of parallel Port A when the
Z80182/Z8L182 is in mode 0.
/HDDIS.
Host Driver Disable (output, active Low).In Z80182/
Z8L182 mode 1, this signal goes Low whenever the
PC/XT/AT is reading data from the 16550 MIMIC interface.
In Z80182/Z8L182 mode 0, this pin is multiplexed with the
ESCCTxDB signal on the TxDB//HDDIS pin.
HA2-HA0.
Host Address (input). In Z80182/Z8L182 mode
1, these pins are the address inputs to the 16550 MIMIC
interface. This address determines which register the
PC/XT/AT accesses. HA0 is multiplexed with /TRxCB on
the /TRxCB/HA0 pin; HA1 is multiplexed with RxDB on the
RxDB/HA1 pin; HA2 is multiplexed with /RTxCB on the
/RTxCB/HA2 pin.
/HCS.
Host Chip Select (input, active Low). In Z80182/
Z8L182 mode 1, this input is used by the PC/XT/AT to
select the 16550 MIMIC interface for an access. In Z80182/
Z8L182 mode 0, it is multiplexed with the ESCC /SYNCB
signal on the SYNCB//HCS pin.
/HWR.
Host Write (Input, active Low). In Z80182/Z8L182
mode 1, this input is used by the PC/XT/AT to signal the
16550 MIMIC interface that a write operation is taking
place. In Z80182/Z8L182 mode 0, this input is multiplexed
with the ESCC /CTSB signal on the /CTSB//HWR pin.
/HRD.
Host Read (input, active Low). In Z80182/Z8L182
mode 1, this input is used by the PC/XT/AT to signal the
16550 MIMIC interface that a read operation is taking
place. In Z80182/Z8L182 mode 0, this pin is multiplexed
with the ESCC /DCDB signal on the /DCDB//HRD pin.
HINTR.
Host Interrupt (output, active High). In Z80182/
Z8L182 mode 1, this output is used by the 16550 MIMIC
interface to signal the PC/XT/AT that an interrupt is pending.
In Z80182/Z8L182 mode 0, this pin is multiplexed with the
ESCC (/DTR//REQB) signal and the Z180 MPU TxS signal
on the TxS//DTR//REQB//HINTR pin.
/HTxRDY.
Host Transmit Ready (output, active Low). In
Z80182/Z8L182 mode 1, this output is used by the 16550
MIMIC in DMA mode to signal the PC/XT/AT that the
Transmit Holding Register is empty. In Z80182/Z8L182
mode 0, this pin is multiplexed with the ESCC (/W//REQB)
signal and the Z180 MPU CKS signal on the CKS//W//
REQB//HTxRDY pin.
/HRxRDY.
Host Receive Ready (output, active Low). In
Z80182/Z8L182 mode 1, this output is used by the 16550
MIMIC interface in DMA mode to signal the PC/XT/AT that
a data byte is ready in the Receive Buffer. In Z80182/
Z8L182 mode 0, this pin is multiplexed with the ESCC
/RTSB signal and the Z180 MPU /TEND1 signal on the
/TEND1/RTSB /HRxRDY pin.
PA7-PA0.
Parallel Port A (input/output). These lines can be
configured as inputs or outputs on a bit-by-bit basis when
the Z80182/Z8L182 is operated in mode 0. These pins are
multiplexed with the HD7-HD0 when the Z80182/Z8L182 is
in mode 1.
PB7-PB0.
Parallel Port B (input/output). These lines can be
configured as inputs or outputs on a bit-by-bit basis when
the Port function is selected in the System Configuration
register. The pins are multiplexed with the following Z180
peripheral functions: /RTS0, /CTS0, /DCD0, TxA0, RxA0,
TxA1, RxA1, (RxS//CTS1).
PC7-PC0.
Parallel Port C (input/output). These lines can
be configured as inputs or outputs on a bit-by-bit basis for
bits PC5-PC0. Bits PC7 and PC6 are input only and read
the level of the external /INT2 and /INT1 pins. When /INT2
and/or /INT1 are in edge capture mode, writing a 1 to the
respective PC7, PC6 bit clears the interrupt capture latch;
writing a 0 has no effect. Bits PC5-PC0 are multiplexed with
the following pins from ESCC channel A: (/W//REQA),
/SYNCA, (/DTR//REQA), /RTSA, /MWR, /CTSA, /DCDA.
The Port function is selected through a bit in the System
Configuration Register.
PARALLEL PORTS


Similar Part No. - Z80182

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80182 ZILOG-Z80182 Datasheet
1Mb / 326P
   Z8018x Family MPU
Z80182 ZILOG-Z80182 Datasheet
1Mb / 326P
   Family MPU
More results

Similar Description - Z80182

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z84C1510AEG ZILOG-Z84C1510AEG Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1510FEC ZILOG-Z84C1510FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1510FEC00TR ZILOG-Z84C1510FEC00TR Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84013 ZILOG-Z84013 Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1506FEC ZILOG-Z84C1506FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z8401510FEC ZILOG-Z8401510FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C15 ZILOG-Z84C15 Datasheet
65Kb / 2P
   IPC/EIPC ENHANCED INTELLIGENT PERIPHERAL CONTROLLER
Z84C13 ZILOG-Z84C13 Datasheet
436Kb / 27P
   Z80 CMOS EIPC Ehanced Intelligent Peripheral Controller
logo
List of Unclassifed Man...
TMC428 ETC2-TMC428_06 Datasheet
719Kb / 58P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com