Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-49-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-49-5
Description  Insulator for BU??8, BU??0, BU??1 and BU??5 Series Clips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-49-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-49-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
 
 
BU‐49‐@ 
(Insulator for BU‐48, BU‐50, BU‐51 and BU‐55 Series Clips) 
 The BU‐49 is used to Insulate BU‐48, BU‐50, BU‐51 and BU‐55 Series clips 
from foreign objects. 
 
 Material:  Flexible PVC 
 Dielectric Strength:  5KV at thinnest cross section. 
 Operating temperature: ‐20⁰F (‐30⁰C) to 160⁰F  (71⁰C) 
 
 Length = 1.8”(46mm),  Large ID = .54”(13.7mm), Wire end ID = .15”(3.8mm) 
 
 Color:  “@” in part number is color.  Available  colors are:     
‐0 Black,   ‐2 Red,   ‐4 Yellow,   ‐5 Green,   ‐6 Blue,   ‐9 White 
 
 RoHS Compliant 
     
 


Similar Part No. - BU-49-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-49-5 ETC2-BU-49-5 Datasheet
1Mb / 1P
   Insulator for Automotive Clip
More results

Similar Description - BU-49-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-74 ETC2-BU-74 Datasheet
144Kb / 1P
   Insulator for BU??5 Series Clips
BU-47 ETC2-BU-47 Datasheet
145Kb / 1P
   Insulator for BU??5 Series Clips
BU-87 ETC2-BU-87 Datasheet
151Kb / 1P
   Insulator for BU??5 Series Clips
BU-31 ETC2-BU-31 Datasheet
144Kb / 1P
   Insulator for BU??0BL AND BU??0TBO Series Alligator Clips
BU-72 ETC2-BU-72 Datasheet
168Kb / 1P
   Insulator for BU??0 Series Alligator Clips
BU-43PR ETC2-BU-43PR Datasheet
135Kb / 1P
   Insulator Pair for BU??1 Series Clips
BU-36-0 ETC2-BU-36-0 Datasheet
834Kb / 1P
   Insulator for BU-34 Clips
BU-47-0 ETC2-BU-47-0 Datasheet
1Mb / 1P
   Insulator for BU-45 Clips
BU-90 ETC2-BU-90 Datasheet
147Kb / 1P
   Insulator for BU??7 Series Clips
BU-62-0 ETC2-BU-62-0 Datasheet
178Kb / 1P
   INSULATOR FOR BU-60 SERIES ALIGATOR CLIPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com