Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN101EF35G Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MN101EF35G
Description  Conforms to USB 2.0: Full-speed (12 Mbps) supported
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101EF35G Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MN101EF35G Datasheet HTML 1Page - Panasonic Semiconductor MN101EF35G Datasheet HTML 2Page - Panasonic Semiconductor MN101EF35G Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Request for your special attention and precautions in using the technical information and
semiconductors described in this book
(1) If any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and
regulations of the exporting country, especially, those with regard to security export control, must be observed.
(2) The technical information described in this book is intended only to show the main characteristics and application circuit examples
of the products. No license is granted in and to any intellectual property right or other right owned by Panasonic Corporation or any
other company. Therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any
other company which may arise as a result of the use of technical information described in this book.
(3) The products described in this book are intended to be used for general applications (such as office equipment, communications
equipment, measuring instruments and household appliances), or for specific applications as expressly stated in this book.
Consult our sales staff in advance for information on the following applications:
Special applications (such as for airplanes, aerospace, automotive equipment, traffic signaling equipment, combustion equipment,
life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of
the products may directly jeopardize life or harm the human body.
It is to be understood that our company shall not be held responsible for any damage incurred as a result of or in connection with
your using the products described in this book for any special application, unless our company agrees to your using the products in
this book for any special application.
(4) The products and product specifications described in this book are subject to change without notice for modification and/or im-
provement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product
Standards in advance to make sure that the latest specifications satisfy your requirements.
(5) When designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions
(operating power supply voltage and operating environment etc.). Especially, please be careful not to exceed the range of absolute
maximum rating on the transient state, such as power-on, power-off and mode-switching. Otherwise, we will not be liable for any
defect which may arise later in your equipment.
Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure
mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire
or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products.
(6) Comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (ESD, EOS,
thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. When using products for which
damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages.
(7) This book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of our company.
20100202


Similar Part No. - MN101EF35G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101EF35D PANASONIC-MN101EF35D Datasheet
343Kb / 4P
   MN101EF35D
More results

Similar Description - MN101EF35G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64013C CYPRESS-CY7C64013C_11 Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
CY7C64013 CYPRESS-CY7C64013 Datasheet
400Kb / 48P
   Full-Speed USB (12 Mbps) Function
CY7C64013C CYPRESS-CY7C64013C Datasheet
2Mb / 51P
   Full-Speed USB (12-Mbps) Function
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
   USB 2.0 full-speed compliant
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
C-Media Electronics
CM6571 CMEDIA-CM6571 Datasheet
1Mb / 63P
   USB 2.0 full speed-compliant
CM6533DH CMEDIA-CM6533DH Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6533 CMEDIA-CM6533 Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
logo
Cypress Semiconductor
CY7C66013 CYPRESS-CY7C66013 Datasheet
449Kb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com