Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN101EFC3Y Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # MN101EFC3Y
Description  8-bit Single-chip Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101EFC3Y Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button MN101EFC3Y Datasheet HTML 3Page - Panasonic Semiconductor MN101EFC3Y Datasheet HTML 4Page - Panasonic Semiconductor MN101EFC3Y Datasheet HTML 5Page - Panasonic Semiconductor MN101EFC3Y Datasheet HTML 6Page - Panasonic Semiconductor MN101EFC3Y Datasheet HTML 7Page - Panasonic Semiconductor MN101EFC3Y Datasheet HTML 8Page - Panasonic Semiconductor MN101EFC3Y Datasheet HTML 9Page - Panasonic Semiconductor MN101EFC3Y Datasheet HTML 10Page - Panasonic Semiconductor MN101EFC3Y Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
MN101EFC3/D3 Series
8-bit Single-chip Microcontroller
Publication date: November 2015
7
PubNo. 216C3-014E
- Real-time control
Timer (PWM) output is controlled among the three values: “Fixed to High”, “Fixed to Low”, or
“Hi-Z” at falling edge of external interrupt 0 (IRQ0)
Timer 8 (General-purpose 16-bit timer)
- Clock source
fpll-div, fs, external clock, timer A output, timer 6 compare match cycle divided by 1, 2, 4, 16
- Hardware configuration
Double-buffered compare register (x2)
Double-buffered input capture register (x1)
Timer interrupt (x2 vector)
- Timer function
Square wave output (Timer pulse output), high-precision PWM output (cycle/duty continuous
changeable) can be output to large current pin TM8IOB, event count, pulse width measurement,
input capture function (both edges operable)
32-bit cascade connection (connected with timer 7), 32-bit PWM output,
Input capture is available in 32-bit cascade
Timer 9 (Motor control 16-bit timer)
- Clock source
fpll-div, fs, external clock, Timer A output divided by 1, 2, 4, 16
- Hardware configuration
Double-buffered compare register (x2)
Timer interrupt (x3 vector)
- Timer function
Square wave output (Timer pulse output), switchable to large current output, complementary 3-
phase PWM output,
Triangle wave and saw tooth wave are supported, dead time insertion available, event count
- Pin output control
PWM output control is possible by external interrupt 0 to 4 (IRQ 0 to 4)
("Hi-z", output data fixed)
Timer A (baud rate timer)
Clock output for peripheral functions
- Clock source
fpll-div divided by 1/1, 2, 4, 8, 16, 32, and fs divided by 2, 4
24H timer
- Clock source (Usable frequency)
fpll (4 MHz, 4.19 MHz, 5 MHz, 8 MHz, 8.38 MHz, 10 MHz, 16 MHz, 16,77 MHz,
20 MHz) fx (32.768 kHz), frc (20 MHz, 16 MHz), frcs (30 kHz)
- Hardware configuration
0.5 seconds counter, minute counter, hour counter
Alarm compare register (in 0.5 seconds, in minutes, in hours) (x1)
Timer interrupt (x2 vector)
- Timer function
Interval function (interrupts every 0.5 seconds, 1 second, 1 minute, 1 hour, 24 hours)
Alarm function


Similar Part No. - MN101EFC3Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101EF01M PANASONIC-MN101EF01M Datasheet
317Kb / 4P
   MN101E01J
MN101EF02K PANASONIC-MN101EF02K Datasheet
338Kb / 3P
   MN101E02H
MN101EF11G PANASONIC-MN101EF11G Datasheet
338Kb / 3P
   MN101E11G
MN101EF13G PANASONIC-MN101EF13G Datasheet
341Kb / 3P
   MN101E13G
MN101EF16K PANASONIC-MN101EF16K Datasheet
332Kb / 3P
   Buzzer output. High-current drive port
More results

Similar Description - MN101EFC3Y

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com