Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN101EFG0G Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MN101EFG0G
Description  8-bit Single-chip Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101EFG0G Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN101EFG0G Datasheet HTML 1Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 2Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 3Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 4Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 5Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 6Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 7Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 8Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MN101EFA8/A7/A3/A2/G0 Series
8-bit Single-chip Microcontroller
Publication date: November 2014
4
PubNo. 216A8-015E
- Memory Bank:
Expands data memory space by the bank system (by 64 KB, 16 banks)
Source address bank / Destination address bank
- Operation Mode:
NORMAL mode (High-speed mode)
SLOW mode (Low-speed mode)
HALT mode
STOP mode
(The operation clock can be switched in each mode.)
- Operating Voltage: 4.0 V to 5.5 V
- Operation ambient temperature: -40
C to +85 C
- Interrupt:
MN101EFA8 Series: 36 interrupts
MN101EFA3 Series: 28 interrupts
MN101EFA7 Series: 32 interrupts
MN101EFA2 Series: 28 interrupts
MN101EFG0 Series: 26 interrupts
<Non-maskable interrupt>
- Non-maskable interrupt and Watchdog timer overflow interrupt
<Timer interrupts>
- Timer 0 interrupt
- Timer 1 interrupt
- Timer 2 interrupt
- Timer 3 interrupt
- Timer 6 interrupt
- Time base timer interrupt
- Timer 7 interrupt
- Timer 7 compare register 2 match interrupt
- Timer 8 interrupt
- Timer 8 compare register 2 match interrupt
- Timer 9 overflow interrupt
- Timer 9 underflow interrupt
- Timer 9 compare register 2 match interrupt
<Serial Interface interrupts>
- Serial interface 0 interrupt
- Serial interface 0 UART reception interrupt
- Serial interface 1 interrupt
- Serial interface 1 UART reception interrupt
- Serial interface 2 interrupt
- Serial interface 2 UART reception interrupt
- Serial interface 4 interrupt
- Serial interface 4 stop condition interrupt


Similar Part No. - MN101EFG0G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101EF01M PANASONIC-MN101EF01M Datasheet
317Kb / 4P
   MN101E01J
MN101EF02K PANASONIC-MN101EF02K Datasheet
338Kb / 3P
   MN101E02H
MN101EF11G PANASONIC-MN101EF11G Datasheet
338Kb / 3P
   MN101E11G
MN101EF13G PANASONIC-MN101EF13G Datasheet
341Kb / 3P
   MN101E13G
MN101EF16K PANASONIC-MN101EF16K Datasheet
332Kb / 3P
   Buzzer output. High-current drive port
More results

Similar Description - MN101EFG0G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com