Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN101EFG0G Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MN101EFG0G
Description  8-bit Single-chip Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101EFG0G Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button MN101EFG0G Datasheet HTML 2Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 3Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 4Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 5Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 6Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 7Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 8Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 9Page - Panasonic Semiconductor MN101EFG0G Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MN101EFA8/A7/A3/A2/G0 Series
8-bit Single-chip Microcontroller
Publication date: November 2014
6
PubNo. 216A8-015E
Timer 2 (8-bit timer for general use)
- Square wave output (Timer pulse output)
- Added pulse (2-bit) type PWM output can be output to large current pin TM2IOA
- Event count
- Simple pulse measurement
- 24-bit cascade connected (with Timer 0 and Timer 1)
- Clock source
fpll-div, fpll-div/4, fpll-div/16, fpll-div/32, fpll-div/64, fpll-div/128, fs/2, fs/4, fs/8, fx,
External clock, Timer A output
Timer 3 (8-bit timer for general use)
- Square wave output (Timer pulse output) can be output to large current pin TM3IOA
- Event count
- 16-bit cascade connected (with Timer 2)
- 32-bit cascade connected (with Timer 0 and Timer 1 and Timer 2)
- Clock source
fpll-div, fpll-div/4, fpll-div/16, fpll-div/32, fpll-div/128, fs/2, fs/4, fs/8, fx,
External clock, Timer A output
Timer 6 (8-bit free-run timer, Time base timer)
8-bit free-run timer
- Clock source
fpll-div, fpll-div/212, fpll-div/213, fs, fx, fx/22, fx/23, fx/212, fx/213
Time base timer
- Interrupt generation cycle
fpll-div/27, fpll-div/28, fpll-div/29, fpll-div/210, fpll-div/213, fpll-div/215, fx/27, fx/28, fx/29, fx/210,
fx/213, fx/215
Timer 7 (16-bit timer for general use)
- Square wave output (Timer pulse output)
- High precision PWM output (Cycle/Duty continuous changeable) can be output to large current pin
TM7IOA
- Event count
- Input capture function (Both edges can be operated)
- Clock source
fpll-div, fpll-div/2, fpll-div/4, fpll-div/16, fs, fs/2, fs/4, fs/16,
Timer A divided by 1, 2, 4, 16, External clock divided by 1, 2, 4, 16
Timer 8 (16-bit timer for general use)
- Square wave output (Timer pulse output)
- High precision PWM output (Cycle/Duty continuous changeable) can be output to large current pin
TM8IOA
- Event count
- Input capture function (Both edges can be operated)
- Clock source
fpll-div, fpll-div/2, fpll-div/4, fpll-div/16, fs, fs/2, fs/4, fs/16,
Timer A divided by 1, 2, 4, 16, External clock divided by 1, 2, 4, 16


Similar Part No. - MN101EFG0G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101EF01M PANASONIC-MN101EF01M Datasheet
317Kb / 4P
   MN101E01J
MN101EF02K PANASONIC-MN101EF02K Datasheet
338Kb / 3P
   MN101E02H
MN101EF11G PANASONIC-MN101EF11G Datasheet
338Kb / 3P
   MN101E11G
MN101EF13G PANASONIC-MN101EF13G Datasheet
341Kb / 3P
   MN101E13G
MN101EF16K PANASONIC-MN101EF16K Datasheet
332Kb / 3P
   Buzzer output. High-current drive port
More results

Similar Description - MN101EFG0G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com