Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN103SFC6K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN103SFC6K
Description  Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN103SFC6K Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN103SFC6K Datasheet HTML 1Page - Panasonic Semiconductor MN103SFC6K Datasheet HTML 2Page - Panasonic Semiconductor MN103SFC6K Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAF00025EEM
MN103SC6 Series
Type
MN103SFC6K
Internal ROM type
FLASH
ROM (byte)
256K
RAM (byte)
40K
Package (Lead-free)
QFP100-P-1818B
Minimum Instruction
Execution Time
14.3 ns (3.0 V to 5.5 V)
* at internal oscillation used. When instruction RAM executed
Interrupts
9 external interrupts
45 internal interrupts: Watchdog timer. Timer. Serial I/F. PWM. A/D conversion finish. System error
Timer Counter
8-bit timer × 12
Timer 0 to 7, 14 to 17 Interval timer. Event count. Cascading connectable
16-bit timer × 6
Timer 8 to 10 .........Interval timer. Event count. PWM output. Double buffer
Timer 11 ................Interval timer. Event count. PWM output (6 pins simultaneous output are available). Double buffer
Timer 12, 13 ..........Interval timer. Double buffer. Start synchronized with 3-phase PWM are available
Watchdog timer × 1
Serial interface
UART (full duplex) /Synchronous interfaces selective × 3
Serial 0, 1...............7-bit, 8-bit transmission
Serial 2...................1-bit to 8-bit transmission (synchronous). 2 and 3 channel type selectable (synchronous)
Single-master I2C/Synchronous interface selective × 1
Serial 3...................1-bit to 8-bit transmission (synchronous). 2 and 3 channel type selectable (synchronous)
I/O Pins
I/O
81 : Exclusive × 2. Common use × 79
A/D converter
10-bit × 3 unit. 20 channels
Simultaneous conversion of 3 series are available
Minimum conversion time: 1.0 µs
Conversion start synchronized with 3-phase PWM or timer 12, 13 are available
Motor Control PWM
16-bit 3-phase PWM × 2
Minimum resolution: 28.6 ns
Triangular waveform or jigsaw waveform. Dead time setup. Double buffer. Output polar switching is available. PWM output pin protect
function
Extended Calculation
Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
Notes
5 V single power supply (internal regulator)
The power-supply voltage detection can be reset


Similar Part No. - MN103SFC6K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN103SFC2D PANASONIC-MN103SFC2D Datasheet
319Kb / 3P
   Conversion start synchronized with 3-phase PWM or timer 5 are available
More results

Similar Description - MN103SFC6K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN103SB9 PANASONIC-MN103SB9_09 Datasheet
338Kb / 3P
   Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
logo
List of Unclassifed Man...
AM9511A-1 ETC-AM9511A-1 Datasheet
483Kb / 10P
   ARITHMETIC PROCESSOR
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
74F181 PHILIPS-74F181 Datasheet
82Kb / 9P
   Arithmetic logic unit
March 3, 1989
74F381 PHILIPS-74F381 Datasheet
82Kb / 7P
   Arithmetic Logic Unit
1989 Mar 01
logo
STMicroelectronics
SPC564A74B4 STMICROELECTRONICS-SPC564A74B4 Datasheet
1Mb / 157P
   Up to 4 multiply and accumulate operations per cycle
September 2013 Rev 9
logo
Intel Corporation
8231A INTEL-8231A Datasheet
802Kb / 13P
   ARITHMETIC PROCESSING UNIT
logo
STMicroelectronics
SPC564A70B4 STMICROELECTRONICS-SPC564A70B4 Datasheet
984Kb / 133P
   Up to 4 multiply and accumulate operations per cycle
September 2013 Rev 4
logo
Digital Core Design
DFPAU DCD-DFPAU Datasheet
137Kb / 5P
   Floating Point Arithmetic Coprocessor
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com