Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8018233ASC Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8018233ASC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233ASC Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8018233ASC Datasheet HTML 1Page - Zilog, Inc. Z8018233ASC Datasheet HTML 2Page - Zilog, Inc. Z8018233ASC Datasheet HTML 3Page - Zilog, Inc. Z8018233ASC Datasheet HTML 4Page - Zilog, Inc. Z8018233ASC Datasheet HTML 5Page - Zilog, Inc. Z8018233ASC Datasheet HTML 6Page - Zilog, Inc. Z8018233ASC Datasheet HTML 7Page - Zilog, Inc. Z8018233ASC Datasheet HTML 8Page - Zilog, Inc. Z8018233ASC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
3-1
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
FEATURES
PRELIMINARY P RODUCT S PECIFICATION
s
Z8S180 MPU
- Code Compatible with Zilog Z80®/Z180CPU
- Extended Instructions
- Operating Frequency: 33 MHz/5V or 20 MHz/3.3V
- Two DMA Channels
- On-Chip Wait State Generators
- Two UART Channels
- Two 16-Bit Timer Counters
- On-Chip Interrupt Controller
- On-Chip Clock Oscillator/Generator
- Clocked Serial I/O Port
- Fully Static
- Low EMI Option
s
Two ESCCChannels with 32-Bit CRC
s
Three 8-Bit Parallel I/O Ports
s
16550 Compatible MIMIC Interface for
Direct Connection to PC, XT, AT Bus
s
100-Pin Package Styles (QFP, VQFP)
(0.8 Micron CMOS 5120 Technology)
s
Individual WSG for RAMCS and ROMCS
GENERAL DESCRIPTION
The Z80182/Z8L182 is a smart peripheral controller IC for
modem (in particular V. Fast applications), fax, voice
messaging and other communications applications. It
uses the Z80180 microprocessor (Z8S180 MPU core)
linked with two channels of the industry standard Z85230
ESCC (Enhanced Serial Communications Controller), 24
bits of parallel I/O, and a 16550 MIMIC for direct connection
to the IBM PC, XT, AT bus.
The Z80182/Z8L182 allows complete flexibility for both
internal PC and external applications. Also current PC
modem software compatibility can be maintained with the
Z80182/Z8L182 ability to mimic the 16550 UART chip. The
Z80180 acts as an interface between the ESCCand
16550 MIMIC interface when used in internal applications,
and between the two ESCC channels in the external
applications. This interface allows data compression and
error correction on outgoing and incoming data. In external
applications, three 8-bit parallel ports are available for
driving LEDs or other devices. Figure 1 shows the Z80182/
Z8L182 block diagram, while the pin assignments for the
QFP and the VQFP packages are shown in Figures 2 and
3, respectively. All references in this document to the
Z80182, or Z182 refer to both the Z80182 and Z8L182.
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.,
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
CONTROLLER (ZIP)


Similar Part No. - Z8018233ASC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80182 ZILOG-Z80182 Datasheet
1Mb / 326P
   Z8018x Family MPU
Z80182 ZILOG-Z80182 Datasheet
1Mb / 326P
   Family MPU
More results

Similar Description - Z8018233ASC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z84C1510AEG ZILOG-Z84C1510AEG Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1510FEC ZILOG-Z84C1510FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1510FEC00TR ZILOG-Z84C1510FEC00TR Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84013 ZILOG-Z84013 Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1506FEC ZILOG-Z84C1506FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z8401510FEC ZILOG-Z8401510FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C15 ZILOG-Z84C15 Datasheet
65Kb / 2P
   IPC/EIPC ENHANCED INTELLIGENT PERIPHERAL CONTROLLER
Z84C13 ZILOG-Z84C13 Datasheet
436Kb / 27P
   Z80 CMOS EIPC Ehanced Intelligent Peripheral Controller
logo
List of Unclassifed Man...
TMC428 ETC2-TMC428_06 Datasheet
719Kb / 58P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com