Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA60E07-P1J Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SGA60E07-P1J
Description  60W AC-DC High Reliability Slim Wall-mounted Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SGA60E07-P1J Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SGA60E07-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SGA60E07-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SGA60E07-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
Ta ( )
-20
10
20
30
40
70
100
50
INPUT VOLTAGE
90
115
100
130
120
160
140
200
180
240
220
264
90
100
80
70
60
50
40
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Plug Assignment
Standard plug: P1J
P/N
OUTPUT
P1J
CENTER
+
UL1571 16AWG 1000
for 12V
+/-
150 0mm
UL1571 14AWG 1000
for 5~9V
+/-
150 0mm
UL1185 18AWG 1500
for 24~48V
+/-
150 0mm
UL1185 16AWG 1000
for 15~18V
+/-
150 0mm
93.5
11 0.5mm
±
ID 2.1 x OD 5.5
C"+"
Inside
Outside
60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E series
File Name:SGA60E-SPEC 2015-09-15
Unit:mm


Similar Part No. - SGA60E07-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA60U MEANWELL-SGA60U Datasheet
75Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U05-P1J MEANWELL-SGA60U05-P1J Datasheet
75Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U07-P1J MEANWELL-SGA60U07-P1J Datasheet
75Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U09-P1J MEANWELL-SGA60U09-P1J Datasheet
75Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U12-P1J MEANWELL-SGA60U12-P1J Datasheet
75Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
More results

Similar Description - SGA60E07-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA60U MEANWELL-SGA60U Datasheet
75Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12U MEANWELL-SGA12U Datasheet
94Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25U MEANWELL-SGA25U Datasheet
74Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GSM60E MEANWELL-GSM60E Datasheet
483Kb / 5P
   60W AC-DC Reliable Green Slim Wall-mounted Medical Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com