Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN103SFN0X Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN103SFN0X
Description  32-bit Single-chip Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN103SFN0X Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN103SFN0X Datasheet HTML 1Page - Panasonic Semiconductor MN103SFN0X Datasheet HTML 2Page - Panasonic Semiconductor MN103SFN0X Datasheet HTML 3Page - Panasonic Semiconductor MN103SFN0X Datasheet HTML 4Page - Panasonic Semiconductor MN103SFN0X Datasheet HTML 5Page - Panasonic Semiconductor MN103SFN0X Datasheet HTML 6Page - Panasonic Semiconductor MN103SFN0X Datasheet HTML 7Page - Panasonic Semiconductor MN103SFN0X Datasheet HTML 8Page - Panasonic Semiconductor MN103SFN0X Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ver. DEM
MN103SJ7/N0/N1/N2/N4/N5/N6 Series
2
Features
CPU core
MN103S core
4 GB of address space (for instructions / data)
LOAD/STORE architecture with 5-stage pipeline
46 basic instructions + 8 extension instructions
6 addressing modes
Instruction set of 1 byte in word length
Extension arithmetic unit incorporated (high-speed multiply instruction, high-speed division instruction etc.)
Machine cycle: 16.7 ns (oscillation frequency: 10 MHz, 6 multiplying)
Operation mode: NORMAL mode, SELLP mode, HALT mode, STOP mode
Oscillation Circuit
External oscillation (crystal/ ceramic)
Clock multiply circuit Oscillation clock can be multiplied by from 3 to 12
Internal memory
ROM: 32 K/64 K/128 K bytes
RAM: 2 K/4 K/6 K/8 K bytes
The ROM/RAM size is different in each product.
Please refer to [ Product Summary] for details.
DMA Controller
Number of channels:1 channel
Startup sources:
15 sources (MN103SFN0/N4 series)
20 sources (MN103SFN1/N5 series)
22 sources (MN103SFN2/N6 series)
(External interrupts: Max 12 sources, Serial Interface: Max 9 sources, Software start: 1 source)
Transfer modes:
3 modes (One word transfer, Burst transfer, Intermittent transfer)
*: There is not the function in the MN103SFJ7A.
Interrupts
Non-maskable interrupts
Watchdog timer overflow interrupts
System error interrupts
Fail safe function interrupts
Internal interrupts (Level interrupt)
MN103SFJ7A
: 23 interrupts
MN103SFN0/N4 series: 29 interrupts
MN103SFN1/N5 series: 42 interrupts
MN103SFN2/N6 series: 48 interrupts
<Timer Interrupts>
Timer 0 underflow interrupt
Timer 1 underflow interrupt
Timer 2 underflow interrupt
Timer 3 underflow interrupt
Timer 4 underflow interrupt
Timer 5 underflow interrupt
Timer 6 underflow interrupt
Timer 7 underflow interrupt
Timer 8 underflow interrupt
Timer 9 underflow interrupt
Timer 10 underflow interrupt
Timer 11 underflow interrupt
Timer 16 overflow/underflow interrupt
Timer 16 compare/capture A interrupt


Similar Part No. - MN103SFN0X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN103SF65GAL PANASONIC-MN103SF65GAL Datasheet
123Kb / 3P
   5V single power supply (regulator)
MN103SF65GBF PANASONIC-MN103SF65GBF Datasheet
123Kb / 3P
   5V single power supply (regulator)
MN103SF92GBL PANASONIC-MN103SF92GBL Datasheet
117Kb / 3P
   MICROCOMPUTER LSI
MN103SFB9R PANASONIC-MN103SFB9R Datasheet
121Kb / 2P
   MN103SB9N
MN103SFB9R PANASONIC-MN103SFB9R Datasheet
338Kb / 3P
   Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
More results

Similar Description - MN103SFN0X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com