Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN103SL7 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MN103SL7
Description  32-bit Single-chip Microcontroller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN103SL7 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN103SL7 Datasheet HTML 1Page - Panasonic Semiconductor MN103SL7 Datasheet HTML 2Page - Panasonic Semiconductor MN103SL7 Datasheet HTML 3Page - Panasonic Semiconductor MN103SL7 Datasheet HTML 4Page - Panasonic Semiconductor MN103SL7 Datasheet HTML 5Page - Panasonic Semiconductor MN103SL7 Datasheet HTML 6Page - Panasonic Semiconductor MN103SL7 Datasheet HTML 7Page - Panasonic Semiconductor MN103SL7 Datasheet HTML 8Page - Panasonic Semiconductor MN103SL7 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ver. AEM
MN103SL7 Series
4
Features (continued)
Interrupts (continued)
<DMA>
DMA0 transfer end interrupt
DMA0 request after DMA transfer end interrupt
DMA0 transfer request overflow interrupt
DMA1 transfer end interrupt
DMA1 request after DMA transfer end interrupt
DMA1 transfer request overflow interrupt
External interrupts
: 8 interrupts
External interrupt pins
: From IRQ00 to IRQ07
Interrupt detection condition : Each edge, both edges, high-level and low-level detection
Each interrupt detection condition is able to filtering with the noise filter
Timer Counter
8-bit timer
8 sets
16-bit timer
3 sets
Timer 0 (8-bit timer)
Interval timer, Timer pulse output, Event count, Baud rate timer
Count clock source: IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, TM0IO pin input, Timer 1 underflow, Timer 2 underflow
Timer 1 (8-bit timer)
Interval timer, Timer pulse output, Event count, Baud rate timer, Cascade connection
Count clock source: IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, TM1IO pin input, Timer 0 underflow, Timer 2 underflow
Timer 2 (8-bit timer)
Interval timer, Baud rate timer, Cascade connection
Count clock source: IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, Timer 0 underflow, Timer 1 underflow
Timer 3 (8-bit timer)
Interval timer, Baud rate timer, Cascade connection
Count clock source: IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, Timer 0 underflow, Timer 1 underflow, Timer 2 underflow
Timer 4 (8-bit timer)
Interval timer, Timer pulse output, Event count
Count clock source: IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, TM4IO pin input, Timer 5 underflow, Timer 6 underflow
Timer 5 (8-bit timer)
Interval timer, Timer pulse output, Event count, Cascade connection
Count clock source: IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, TM5IO pin input, Timer 4 underflow, Timer 6 underflow
Timer 6 (8-bit timer)
Interval timer, Timer pulse output, Event count, Cascade connection
Count clock source: IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, TM6IO pin input, Timer 4 underflow, Timer 5 underflow
Timer 7 (8-bit timer)
Interval timer, Timer pulse output, Event count, Cascade connection
Count clock source: IOCLK, IOCLK/8, IOCLK/32, IOCLK/128, TM7IO pin input, Timer 4 underflow,
Timer 5 underflow, Timer 6 underflow


Similar Part No. - MN103SL7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN103S5405YD PANASONIC-MN103S5405YD Datasheet
43Kb / 3P
   Chip-set for Digital Still Camera
MN103S57G PANASONIC-MN103S57G Datasheet
436Kb / 3P
   Cascade connection possible (usable as a 16-bit to 32-bit timer)
MN103S57G PANASONIC-MN103S57G Datasheet
433Kb / 3P
   MN103S57G
MN103S65G PANASONIC-MN103S65G Datasheet
86Kb / 3P
   4 K-byte SRAM
MN103S83D PANASONIC-MN103S83D Datasheet
123Kb / 3P
   5V single power supply (regulator)
More results

Similar Description - MN103SL7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com