Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6550 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6550
Description  Differential, High-Speed Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6550 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6550 Datasheet HTML 6Page - Texas Instruments LMH6550 Datasheet HTML 7Page - Texas Instruments LMH6550 Datasheet HTML 8Page - Texas Instruments LMH6550 Datasheet HTML 9Page - Texas Instruments LMH6550 Datasheet HTML 10Page - Texas Instruments LMH6550 Datasheet HTML 11Page - Texas Instruments LMH6550 Datasheet HTML 12Page - Texas Instruments LMH6550 Datasheet HTML 13Page - Texas Instruments LMH6550 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0.1
1
10
100
1000
FREQUENCY (MHz)
40
45
50
55
60
65
70
75
80
85
0.01
1
1000
FREQUENCY (MHz)
0
40
100
100
10
0.1
80
60
20
90
70
50
30
10
PSRR +
PSRR -
VS = 5V
RL = 500:
AV = 1
VIN = 2.5V
0.01
0.1
1
10
1000
FREQUENCY (MHz)
0.01
0.1
10
100
1
100
VS = 5V
VIN = 0V
AV = 1
0.01
1
1000
FREQUENCY (MHz)
0
40
100
100
10
0.1
80
60
20
90
70
50
30
10
PSRR +
PSRR -
VS = ±5V
RL = 500:
AV = 1
VIN = 0V
0
10 20 30 40 50 60 70 80 90 100
-4
-3.9
-3.8
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
OUTPUT CURRENT (mA)
VS = ±5V
AV = 2
RF = 730:
VIN = 3.88V SINGLE ENDED
0.01
0.1
1
10
1000
FREQUENCY (MHz)
0.01
0.1
10
100
1
100
VS = ±5V
VIN = 0V
AV = 1
LMH6550
SNOSAK0I – DECEMBER 2004 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
(TA = 25°C, VS = ±5 V, RL = 500 Ω, RF = RG = 365 Ω; unless specified).
Figure 14. Closed-Loop Output Impedance
Figure 13. Minimum VOUT vs IOUT
Figure 15. Closed-Loop Output Impedance
Figure 16. PSRR
Figure 17. PSRR
Figure 18. CMRR
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LMH6550


Similar Part No. - LMH6550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6550MA NSC-LMH6550MA Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550MA NSC-LMH6550MA Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6550MA NSC-LMH6550MA Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
More results

Similar Description - LMH6550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LM6162 NSC-LM6162 Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
   High Speed Operational Amplifier
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
   HIGH SPEED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com