Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6550MAX Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6550MAX
Description  Differential, High-Speed Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6550MAX Datasheet(HTML) 3 Page - Texas Instruments

  LMH6550MAX Datasheet HTML 1Page - Texas Instruments LMH6550MAX Datasheet HTML 2Page - Texas Instruments LMH6550MAX Datasheet HTML 3Page - Texas Instruments LMH6550MAX Datasheet HTML 4Page - Texas Instruments LMH6550MAX Datasheet HTML 5Page - Texas Instruments LMH6550MAX Datasheet HTML 6Page - Texas Instruments LMH6550MAX Datasheet HTML 7Page - Texas Instruments LMH6550MAX Datasheet HTML 8Page - Texas Instruments LMH6550MAX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
-
4
+OUT
5
-OUT
3
6
V+
V-
EN
2
7
VCM
+
1
8
-IN
+IN
LMH6550
www.ti.com
SNOSAK0I – DECEMBER 2004 – REVISED JANUARY 2015
6 Pin Configuration and Functions
D Package / DGK Package
8 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
7
I
Enable
-IN
1
I
Negative Input
+IN
8
I
Positive Input
-OUT
5
O
Negative Output
+OUT
4
O
Positive Output
V-
6
P
Negative Supply
V+
3
P
Positive Supply
VCM
2
I
Output Common-Mode Input
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
Supply Voltage
13.2
V
Common-Mode Input Voltage
±VS
V
Maximum Input Current (pins 1, 2, 7, 8)
30
mA
Maximum Output Current (pins 4, 5)
(4)
Maximum Junction Temperature
150
°C
Storage Temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For Soldering Information, see Product Folder at www.ti.com and SNOA549.
(4)
The maximum output current (IOUT) is determined by device power dissipation limitations.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(2)
±2000
V(ESD)
Electrostatic discharge(1)
V
Machine model (MM)
±200
(1)
Human body model: 1.5 k
Ω in series with 100 pF. Machine model: 0 Ω in series with 200 pF.
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6550


Similar Part No. - LMH6550MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550MAX NSC-LMH6550MAX Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550MAX NSC-LMH6550MAX Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6550MAXNOPB NSC-LMH6550MAXNOPB Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
More results

Similar Description - LMH6550MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LM6162 NSC-LM6162 Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
   High Speed Operational Amplifier
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
   HIGH SPEED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com