Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6551MA Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6551MA
Description  Differential, High-Speed Op Amp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6551MA Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6551MA Datasheet HTML 7Page - Texas Instruments LMH6551MA Datasheet HTML 8Page - Texas Instruments LMH6551MA Datasheet HTML 9Page - Texas Instruments LMH6551MA Datasheet HTML 10Page - Texas Instruments LMH6551MA Datasheet HTML 11Page - Texas Instruments LMH6551MA Datasheet HTML 12Page - Texas Instruments LMH6551MA Datasheet HTML 13Page - Texas Instruments LMH6551MA Datasheet HTML 14Page - Texas Instruments LMH6551MA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
0.01
0.1
1
10
1000
FREQUENCY (MHz)
0.01
0.1
10
100
1
100
VS = 5V
VIN = 0V
0.01
0.1
1
10
1000
FREQUENCY (MHz)
0.01
0.1
10
100
1
100
VS = 3.3V
VIN = 0V
0
10 20 30 40 50 60 70 80 90 100
-4
-3.9
-3.8
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
OUTPUT CURRENT (mA)
VIN = 3.88V SINGLE ENDED
VS = ±5V
AV = 2
RF = 730:
0.01
0.1
1
10
1000
FREQUENCY (MHz)
0.01
0.1
10
100
1
100
VS = ±5V
VIN = 0V
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
OUTPUT CURRENT (mA)
VIN = 3.88V SINGLE ENDED
VS = ±5V
AV = 2
RF = 730:
6
7
8
9
10
11
12
SUPPLY VOLTAGE (V)
-100
-95
-90
-85
-80
-75
-70
-65
-60
HD3
HD2
VOUT = 4 VPP
f = 5 MHz
VCM = 0V
LMH6551
www.ti.com
SNOSAK7D – FEBRUARY 2005 – REVISED JANUARY 2015
Typical Performance Characteristics (continued)
(TA = 25°C, VS = ±5 V, RL = 500 Ω, RF = RG = 365 Ω; Unless Specified).
Figure 13. Distortion vs Supply Voltage (Single Supply)
Figure 14. Maximum VOUT vs IOUT
Figure 16. Closed-Loop Output Impedance
Figure 15. Minimum VOUT vs IOUT
Figure 17. Closed-Loop Output Impedance
Figure 18. Closed-Loop Output Impedance
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6551


Similar Part No. - LMH6551MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6551MA NSC-LMH6551MA Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MA TI1-LMH6551MA Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MA/NOPB TI1-LMH6551MA/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6551MANOPB NSC-LMH6551MANOPB Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551MAX NSC-LMH6551MAX Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
More results

Similar Description - LMH6551MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com