Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6552 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6552
Description  1.5-GHz Fully Differential Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6552 Datasheet HTML 4Page - Texas Instruments LMH6552 Datasheet HTML 5Page - Texas Instruments LMH6552 Datasheet HTML 6Page - Texas Instruments LMH6552 Datasheet HTML 7Page - Texas Instruments LMH6552 Datasheet HTML 8Page - Texas Instruments LMH6552 Datasheet HTML 9Page - Texas Instruments LMH6552 Datasheet HTML 10Page - Texas Instruments LMH6552 Datasheet HTML 11Page - Texas Instruments LMH6552 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
1
10
100
1000
10000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
AV = 8, RF = 400:
VOUT = 0.2 VPP
SINGLE-ENDED INPUT
AV = 4
AV = 2
AV = 1
1
10
100
1000
10000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VOUT = 0.2 VPP
DIFFERENTIAL INPUT
AV = 8
AV = 4
AV = 1
AV = 2
LMH6552
SNOSAX9I – APRIL 2007 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics ±2.5 V
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = +2.5V, V= −2.5V, A
V = 1, VCM = 0V, RF = RG = 357Ω,
RL = 500Ω, for single ended in, differential out.
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
Output Balance Error
ΔVOUT Common Mode /ΔVOUT
60
dB
Differential,
ΔVOD = 1V, f < 1 MHz
MISCELLANEOUS PERFORMANCE
ZT
Open Loop Transimpedance
Differential
107
dB
PSRR
Power Supply Rejection Ratio
DC,
ΔVS = ±1V
80
dB
IS
Supply Current (3)
RL = ∞
17
20.4
24
mA
27
Enable Voltage Threshold
3.0
V
Disable Voltage Threshold
2.0
V
Enable/Disable Time
15
ns
ISD
Disable Shutdown Current
500
600
µA
OUTPUT COMMON MODE CONTROL CIRCUIT
Common Mode Small Signal
VIN+ = VIN= 0
310
MHz
Bandwidth
Slew Rate
VIN+ = VIN= 0
430
V/
μs
VOSCM
Input Offset Voltage
Common Mode, VID = 0, VCM = 0
1.65
±15
mV
Input Bias Current
(6)
−2.9
µA
Voltage Range
±1.19
±1.25
V
CMRR
Measure VOD, VID = 0V
80
dB
Input Resistance
200
k
Gain
ΔVO,CM/ΔVCM
0.995
1.0
1.012
V/V
(6)
Negative input current implies current flowing out of the device.
7.7 Typical Characteristics V
+ = +5 V, V= −5 V
(TA = 25°C, RF = RG = 357Ω, RL = 500Ω, AV = 1, for single ended in, differential out, unless specified).
Figure 1. Frequency Response vs Gain
Figure 2. Frequency Response vs Gain
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LMH6552


Similar Part No. - LMH6552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552 TI1-LMH6552 Datasheet
551Kb / 14P
[Old version datasheet]   selecting amplifiers, adcs, and clocks for high-performance signal paths
LMH6552 TI1-LMH6552 Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
LMH6552MANOPB TI1-LMH6552MANOPB Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
LMH6552MAXNOPB TI1-LMH6552MAXNOPB Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
LMH6552SDNOPB TI1-LMH6552SDNOPB Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
More results

Similar Description - LMH6552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552 TI1-LMH6552_14 Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
[Old version datasheet]   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com