Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6552MA Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6552MA
Description  1.5-GHz Fully Differential Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552MA Datasheet(HTML) 2 Page - Texas Instruments

  LMH6552MA Datasheet HTML 1Page - Texas Instruments LMH6552MA Datasheet HTML 2Page - Texas Instruments LMH6552MA Datasheet HTML 3Page - Texas Instruments LMH6552MA Datasheet HTML 4Page - Texas Instruments LMH6552MA Datasheet HTML 5Page - Texas Instruments LMH6552MA Datasheet HTML 6Page - Texas Instruments LMH6552MA Datasheet HTML 7Page - Texas Instruments LMH6552MA Datasheet HTML 8Page - Texas Instruments LMH6552MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LMH6552
SNOSAX9I – APRIL 2007 – REVISED JANUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
2
Applications ........................................................... 1
9.2
Typical Applications ................................................ 17
3
Description ............................................................. 1
10
Power Supply Recommendations ..................... 26
4
Typical Application Schematic ............................. 1
10.1
Power Supply Bypassing ...................................... 26
5
Revision History..................................................... 2
11
Layout................................................................... 27
6
Pin Configuration and Functions ......................... 3
11.1
Layout Guidelines ................................................. 27
7
Specifications......................................................... 4
11.2
Layout Example .................................................... 28
7.1
Absolute Maximum Ratings ...................................... 4
11.3
Thermal Considerations ........................................ 29
7.2
ESD Ratings.............................................................. 4
11.4
Power Dissipation ................................................. 29
7.3
Recommended Operating Conditions ....................... 4
11.5
ESD Protection...................................................... 30
7.4
Thermal Information .................................................. 4
12
Device and Documentation Support ................. 31
7.5
Electrical Characteristics ±5 V .................................. 5
12.1
Device Support...................................................... 31
7.6
Electrical Characteristics ±2.5 V ............................... 7
12.2
Documentation Support ........................................ 31
7.7
Typical Characteristics V+ = +5 V, V=
−5 V ........... 8
12.3
Trademarks ........................................................... 31
8
Detailed Description ............................................ 15
12.4
Electrostatic Discharge Caution ............................ 31
8.1
Overview ................................................................. 15
12.5
Glossary ................................................................ 31
8.2
Functional Block Diagram ....................................... 15
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................. 15
Information ........................................................... 31
8.4
Device Functional Modes........................................ 16
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (March 2013) to Revision I
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
Changes from Revision G (March 2013) to Revision H
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 27
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LMH6552


Similar Part No. - LMH6552MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552MANOPB TI1-LMH6552MANOPB Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
LMH6552MAXNOPB TI1-LMH6552MAXNOPB Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
More results

Similar Description - LMH6552MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552 TI1-LMH6552_14 Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
[Old version datasheet]   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com