Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6601-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6601-Q1
Description  CMOS Operational Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6601-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  LMH6601-Q1 Datasheet HTML 1Page - Texas Instruments LMH6601-Q1 Datasheet HTML 2Page - Texas Instruments LMH6601-Q1 Datasheet HTML 3Page - Texas Instruments LMH6601-Q1 Datasheet HTML 4Page - Texas Instruments LMH6601-Q1 Datasheet HTML 5Page - Texas Instruments LMH6601-Q1 Datasheet HTML 6Page - Texas Instruments LMH6601-Q1 Datasheet HTML 7Page - Texas Instruments LMH6601-Q1 Datasheet HTML 8Page - Texas Instruments LMH6601-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LMH6601, LMH6601-Q1
SNOSAK9F – JUNE 2006 – REVISED JUNE 2015
www.ti.com
Table of Contents
7.1
Overview ................................................................. 20
1
Features .................................................................. 1
7.2
Feature Description................................................. 20
2
Applications ........................................................... 1
7.3
Device Functional Modes........................................ 21
3
Description ............................................................. 1
8
Application and Implementation ........................ 23
4
Revision History..................................................... 2
8.1
Application Information............................................ 23
5
Pin Configuration and Functions ......................... 3
8.2
Typical Application .................................................. 29
6
Specifications......................................................... 3
9
Power Supply Recommendations ...................... 32
6.1
Absolute Maximum Ratings ...................................... 3
10
Layout................................................................... 32
6.2
ESD Ratings - for LMH6601 ..................................... 3
10.1
Layout Guidelines ................................................. 32
6.3
ESD Ratings - for LMH6601-Q1 ............................... 4
10.2
Layout Examples................................................... 32
6.4
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 33
6.5
Thermal Information .................................................. 4
11.1
Documentation Support ........................................ 33
6.6
Electrical Characteristics, 5 V ................................... 4
11.2
Related Links ........................................................ 33
6.7
Electrical Characteristics, 3.3 V ................................ 6
11.3
Community Resources.......................................... 33
6.8
Electrical Characteristics, 2.7 V ................................ 8
11.4
Trademarks ........................................................... 33
6.9
Switching Characteristics, 5 V ................................ 10
11.5
Electrostatic Discharge Caution ............................ 33
6.10
Switching Characteristics, 3.3 V ........................... 11
11.6
Glossary ................................................................ 33
6.11
Switching Characteristics, 2.7 V ........................... 11
12
Mechanical, Packaging, and Orderable
6.12
Typical Characteristics .......................................... 12
Information ........................................................... 33
7
Detailed Description ............................................ 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (March 2013) to Revision F
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Removed IOS over temperature limit in Electrical Characteristics, 2.7 V ............................................................................... 8
Moved the SAG Compensation section to the Typical Application section.......................................................................... 25
Changed section titled Other Applications to Charge Preamplifier ..................................................................................... 28
Changes from Revision D (March 2013) to Revision E
Page
Changed layout of National Data Sheet to TI format ............................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LMH6601 LMH6601-Q1


Similar Part No. - LMH6601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
More results

Similar Description - LMH6601-Q1

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
Texas Instruments
OPA373 TI1-OPA373_16 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com