Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6601-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6601-Q1
Description  CMOS Operational Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6601-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LMH6601-Q1 Datasheet HTML 1Page - Texas Instruments LMH6601-Q1 Datasheet HTML 2Page - Texas Instruments LMH6601-Q1 Datasheet HTML 3Page - Texas Instruments LMH6601-Q1 Datasheet HTML 4Page - Texas Instruments LMH6601-Q1 Datasheet HTML 5Page - Texas Instruments LMH6601-Q1 Datasheet HTML 6Page - Texas Instruments LMH6601-Q1 Datasheet HTML 7Page - Texas Instruments LMH6601-Q1 Datasheet HTML 8Page - Texas Instruments LMH6601-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
OUTPUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
6
SD
LMH6601, LMH6601-Q1
www.ti.com
SNOSAK9F – JUNE 2006 – REVISED JUNE 2015
5 Pin Configuration and Functions
DCK Package
6-Pin SC70
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
OUTPUT
O
Output
2
V-
I
Negative supply
3
+IN
I
Noninverting input
4
-IN
I
Inverting input
5
SD
I
Shutdown
6
V+
I
Positive supply
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN Differential
±2.5
V
Input Current(2)
±10
mA
Output Current
200 mA(3)
mA
Supply Voltage (V+ – V)
6
V
Voltage at Input/Output Pins
V++0.5,
V
V
−0.5
Junction Temperature
150
°C
Infrared or Convection (20 sec.)
235
Soldering Information
°C
Wave Soldering (10 sec.)
260
Storage Temperature
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Negative input current implies current flowing out of the device.
(3)
The maximum continuous output current (IOUT) is determined by device power dissipation limitations.
6.2 ESD Ratings - for LMH6601
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6601 LMH6601-Q1


Similar Part No. - LMH6601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
More results

Similar Description - LMH6601-Q1

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
Texas Instruments
OPA373 TI1-OPA373_16 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com