Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6601-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6601-Q1
Description  CMOS Operational Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6601-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6601-Q1 Datasheet HTML 3Page - Texas Instruments LMH6601-Q1 Datasheet HTML 4Page - Texas Instruments LMH6601-Q1 Datasheet HTML 5Page - Texas Instruments LMH6601-Q1 Datasheet HTML 6Page - Texas Instruments LMH6601-Q1 Datasheet HTML 7Page - Texas Instruments LMH6601-Q1 Datasheet HTML 8Page - Texas Instruments LMH6601-Q1 Datasheet HTML 9Page - Texas Instruments LMH6601-Q1 Datasheet HTML 10Page - Texas Instruments LMH6601-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LMH6601, LMH6601-Q1
www.ti.com
SNOSAK9F – JUNE 2006 – REVISED JUNE 2015
Electrical Characteristics, 3.3 V (continued)
Single-Supply with VS= 3.3 V, AV = +2, RF = 604Ω, SD tied to V
+, V
OUT = VS/2, RL = 150 Ω to V
unless otherwise specified.(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(2)
MAX(2)
UNIT
TIME DOMAIN RESPONSE
OS
Overshoot
0.25-V Step
10%
CL
Capacitor Load Tolerance
AV = −1, 10% Overshoot, 82 Ω in Series
50
pF
DISTORTION and NOISE PERFORMANCE
HD2
2 VPP, 10 MHz
−61
Harmonic Distortion (2nd)
dBc
2 VPP, 10 MHz
HD2_1
−79
RL = 1 kΩ to VS/2
HD3
2 VPP, 10 MHz
−53
Harmonic Distortion (3rd)
dBc
2 VPP, 10 MHz
HD3_2
−69
RL = 1 kΩ to VS/2
2 VPP, 10 MHz
THD
Total Harmonic Distortion
−66
dBc
RL = 1 kΩ to VS/2
VN1
>10 MHz
7
Input Voltage Noise
nV/
√Hz
VN2
1 MHz
10
IN
Input Current Noise
>1 MHz
50
fA/
√Hz
STATIC, DC PERFORMANCE
±1
±2.6
VIO
Input Offset Voltage
mV
At temperature extremes
±5.5
DVIO
Input Offset Voltage Average Drift
See (3)
−4.5
μV/°C
IB
Input Bias Current
See (4)
5
50
pA
IOS
Input Offset Current
See (4)
2
25
pA
RIN
Input Resistance
0 V
≤ VIN ≤ 1.8 V
15
T
CIN
Input Capacitance
1.4
pF
DC
61
80
Positive Power Supply Rejection
+PSRR
dB
Ratio
At temperature extremes
51
DC
57
72
Negative Power Supply Rejection
−PSRR
dB
Ratio
At temperature extremes
52
DC
58
73
CMRR
Common-Mode Rejection Ratio
dB
At temperature extremes
55
CMRR > 50 dB (At temperature
CMVR
Input Voltage
V– 0.20
V+ – 1.5
V
extremes)
9.2
11
Normal Operation
mA
At temperature
VOUT = VS/2
ICC
Supply Current
13
extremes
Shutdown: SD tied to
≤ 0.33 V(5)
100
nA
–210
–190
VOH1
RL = 150 Ω to V
At temperature
–360
extremes
Output High Voltage
VOH2
RL = 75 Ω to VS/2
–190
mV
(Relative to V+)
–50
–10
VOH3
RL = 10 kΩ to V
At temperature
–100
extremes
(3)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(4)
This parameter is ensured by design and/or characterization and is not tested in production.
(5)
SD logic is CMOS compatible. To ensure proper logic level and to minimize power supply current, SD should typically be less than 10%
of total supply voltage away from either supply rail.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6601 LMH6601-Q1


Similar Part No. - LMH6601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
More results

Similar Description - LMH6601-Q1

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
Texas Instruments
OPA373 TI1-OPA373_16 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com