Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2365-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2365-Q1
Description  Single-Supply Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2365-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2365-Q1 Datasheet HTML 1Page - Texas Instruments OPA2365-Q1 Datasheet HTML 2Page - Texas Instruments OPA2365-Q1 Datasheet HTML 3Page - Texas Instruments OPA2365-Q1 Datasheet HTML 4Page - Texas Instruments OPA2365-Q1 Datasheet HTML 5Page - Texas Instruments OPA2365-Q1 Datasheet HTML 6Page - Texas Instruments OPA2365-Q1 Datasheet HTML 7Page - Texas Instruments OPA2365-Q1 Datasheet HTML 8Page - Texas Instruments OPA2365-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
V
IN
V
OUT
C
2
2.2pF
R
2
2k
SD1
BAT17
C
1
10nF
R
1
7.5
V
V+
U1
U2
V
V+
OPA365
OPA365
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA365-Q1, OPA2365-Q1
SBOS512D – MARCH 2010 – REVISED DECEMBER 2015
OPAx365-Q1 50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O,
Single-Supply Operational Amplifiers
1 Features
2 Applications
1
Qualified for Automotive Applications
Automotive
AEC-Q100 Qualified with the Following Results:
ADAS
HEV/EV and Powertrain
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Body and Lighting
Device HBM ESD Classification Level H2
Blind Spot Detection
Device CDM ESD Classification Level C3B
Engine Control Units
Gain Bandwidth: 50 MHz
DC-DC Converters
Zero-Crossover Distortion Topology
Short to Mid Range Radars
Excellent THD+N: 0.0004%
Collision Warning
CMRR: 100 dB (Minimum)
Industrial
Rail-to-Rail Input and Output
Heads Up Display
Input 100 mV Beyond Supply Rail
3 Description
Low Noise: 4.5 nV/
√Hz at 100 kHz
The OPAx365-Q1 zero-crossover family, rail-to-rail,
Slew Rate: 25 V/µs
high-performance, CMOS operational amplifiers are
Fast Settling: 0.3 µs to 0.01%
optimized
for
very
low
voltage,
single-supply
applications. Rail-to-rail input/output, low noise (4.5
Precision
nV/
√Hz) and high speed operation (50-MHz gain
Low Offset: 100 µV
bandwidth) make these devices ideal for driving
Low Input Bias Current: 0.2 pA
sampling data converters (such as the ADS7822-Q1
2.2-V to 5.5-V Operation
or the ADS1115-Q1), specifically in short to mid-
range radar applications. The OPAx356-Q1 family of
operational amplifiers are also well-suited for HEV/EV
and Powertrain applications in DC-DC converters and
as transmission control in engine control units.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA2365-Q1
SOIC (8)
4.90 mm × 3.91 mm
OPA365-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Fast-Settling Peak Detector
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA2365-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   OPA2863-Q1 Automotive, Low-Power, 110-MHz, Rail-to-Rail Input/Output Amplifier
REVISED JULY 2023
More results

Similar Description - OPA2365-Q1

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA634 TI1-OPA634 Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com