Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656UB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656UB
Description  Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656UB Datasheet(HTML) 5 Page - Texas Instruments

  OPA656UB Datasheet HTML 1Page - Texas Instruments OPA656UB Datasheet HTML 2Page - Texas Instruments OPA656UB Datasheet HTML 3Page - Texas Instruments OPA656UB Datasheet HTML 4Page - Texas Instruments OPA656UB Datasheet HTML 5Page - Texas Instruments OPA656UB Datasheet HTML 6Page - Texas Instruments OPA656UB Datasheet HTML 7Page - Texas Instruments OPA656UB Datasheet HTML 8Page - Texas Instruments OPA656UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
OPA656
www.ti.com
SBOS196H – DECEMBER 2001 – REVISED SEPTEMBER 2015
7.5 Electrical Characteristics
RF = 250 Ω, RL = 100 Ω, and G = 2 V/V, unless otherwise noted. See Figure 1 for AC performance.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE (Figure 29)
G = +1 V/V,
VO = 200 mVPP,
TJ = 25°C
(2)
C
500
MHz
RF = 0 Ω
G = +2 V/V,
TJ = 25°C
(2)
C
200
MHz
VO = 200 mVPP
Small-Signal Bandwidth
G = +5 V/V,
TJ = 25°C
(2)
C
59
MHz
VO = 200 mVPP
G = +10 V/V,
TJ = 25°C
(2)
C
23
MHz
VO = 200 mVPP
Gain-Bandwidth Product
G > +10 V/V
TJ = 25°C
(2)
C
230
MHz
G = +2 V/V,
Bandwidth for 0.1-dB flatness
TJ = 25°C
(2)
C
30
MHz
VO = 200 mVPP
VO < 200 mVPP,
Peaking at a Gain of +1
TJ = 25°C
(2)
C
1.5
dB
RF = 0 Ω
G = +2 V/V,
Large-Signal Bandwidth
TJ = 25°C
(2)
C
75
MHz
VO = 2 VPP
G = +2 V/V,
Slew Rate
TJ = 25°C
(2)
C
290
V/µs
1-V Step
Rise-and-Fall Time
0.2-V Step
TJ = 25°C
(2)
C
1.5
ns
G = +2 V/V,
Settling Time to 0.02%
TJ = 25°C
(2)
C
21
ns
VO = 2-V Step
Harmonic Distortion
G = +2 V/V, f = 5 MHz, VO = 2 VPP
RL = 200 Ω
TJ = 25°C
(2)
–71
2nd-Harmonic
C
dBc
RL > 500 Ω
TJ = 25°C
(2)
–74
RL = 200 Ω
TJ = 25°C
(2)
–81
3rd-Harmonic
C
dBc
RL > 500 Ω
TJ = 25°C
(2)
–100
Input Voltage Noise
f > 100 kHz
TJ = 25°C
(2)
7
nV/
√Hz
Input Current Noise
f > 100 kHz
TJ = 25°C
(2)
C
1.3
fA/
√Hz
G = +2 V/V, PAL,
Differential Gain
TJ = 25°C
(2)
C
0.02%
RL = 150 Ω
G = +2 V/V, PAL,
Differential Phase
TJ = 25°C
(2)
C
0.05
RL = 150 Ω
DC PERFORMANCE(3)
TJ = 25°C
(2)
60
65
VO = 0 V,
Open-Loop Voltage Gain (AOL)
TJ = 0°C to +70°C
(4)
A
59
dB
RL = 100 Ω
TJ = –40°C to +85°C
(4)
58
TJ = 25°C
(2)
±0.25
±1.8
Input Offset Voltage
VCM = 0 V
TJ = 0°C to +70°C
(4)
A
±2.2
mV
TJ = –40°C to +85°C
(4)
±2.6
TJ = 25°C
(2)
±2
±12
Average Offset Voltage Drift
VCM = 0 V
TJ = 0°C to +70°C
(4)
A
±12
µV/°C
TJ = –40°C to +85°C
(4)
±12
TJ = 25°C
(2)
±2
±20
Input Bias Current
VCM = 0 V
TJ = 0°C to +70°C
(4)
A
±1800
pA
TJ = –40°C to +85°C
(4)
±5000
TJ = 25°C
(2)
±2
±20
Input Bias Current
VCM = 0 V
TJ = 0°C to +70°C
(4)
A
±1800
pA
TJ = –40°C to +85°C
(4)
±5000
(1)
Test Levels: (A) 100% tested at 25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for 25°C min/max specifications.
(3)
Current is considered positive out-of-node. VCM is the input common-mode voltage.
(4)
Junction temperature = ambient at low temperature limit: junction temperature = ambient +20°C at high temperature limit for over
temperature minimum and maximum specifications.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA656


Similar Part No. - OPA656UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656UB TI-OPA656UB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656UB TI-OPA656UB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656UB NSC-OPA656UB Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656UB/2K5 TI-OPA656UB/2K5 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656UB2K5 NSC-OPA656UB2K5 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA656UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
[Old version datasheet]   OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com