Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3091 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3091
Description  High-voltage, Low-distortion, Current-feedback Operational Amplifiers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3091 Datasheet(HTML) 1 Page - Texas Instruments

  THS3091 Datasheet HTML 1Page - Texas Instruments THS3091 Datasheet HTML 2Page - Texas Instruments THS3091 Datasheet HTML 3Page - Texas Instruments THS3091 Datasheet HTML 4Page - Texas Instruments THS3091 Datasheet HTML 5Page - Texas Instruments THS3091 Datasheet HTML 6Page - Texas Instruments THS3091 Datasheet HTML 7Page - Texas Instruments THS3091 Datasheet HTML 8Page - Texas Instruments THS3091 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
−90
−80
−70
−60
−50
−40
−20
1 M
10 M
100 M
f − Frequency − Hz
G = 5,
RF = 1 k ,
W
RL = 100
,
W
VS = ±15 V
100 k
−30
VO = 20 VPP
VO = 10 VPP
VO = 5 VPP
VO = 2 VPP
+
VOUT
+
+
THS3091
THS3091
THS3091
+
THS4271
IOUT1
IOUT2
DAC5686
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
THS3091, THS3095
SLOS423H – SEPTEMBER 2003 – REVISED DECEMBER 2015
THS309x High-voltage, Low-distortion, Current-feedback Operational Amplifiers
1 Features
3 Description
The THS3091 and THS3095 are high-voltage, low-
1
Low Distortion
distortion,
high-speed,
current-feedback
amplifier
77-dBc HD2 at 10 MHz, RL = 1 kΩ
designed to operate over a wide supply range of ±5 V
69-dBc HD3 at 10 MHz, RL = 1 kΩ
to ±15 V for applications requiring large, linear output
signals such as Pin, Power FET, and VDSL line
Low Noise
drivers.
14-pA/
√Hz Noninverting Current Noise
The THS3095 features a power-down pin (PD) that
17-pA/
√Hz Inverting Current Noise
puts the amplifier in low power standby mode, and
2-nV/
√Hz Voltage Noise
lowers the quiescent current from 9.5 mA to 500
μA.
High Slew Rate: 7300 V/
μs (G = 5, VO = 20 VPP)
The wide supply range combined with total harmonic
Wide Bandwidth: 210 MHz (G = 2, RL = 100 Ω)
distortion as low as –69 dBc at 10 MHz, in addition,
High Output Current Drive: ±250 mA
to the high slew rate of 7300 V/
μs makes the
THS309x ideally suited for high-voltage arbitrary
Wide Supply Range: ±5 V to ±15 V
waveform driver applications. Moreover, having the
Power-Down Feature: THS3095 Only
ability to handle large voltage swings driving into
high-resistance and high-capacitance loads while
2 Applications
maintaining good settling time performance makes
the devices ideal for Pin driver and Power FET driver
High-Voltage Arbitrary Waveform Generators
applications.
Power FET Drivers
The THS3091 and THS3095 are offered in an 8-pin
Pin Drivers
SOIC (D), and the 8-pin SOIC (DDA) packages with
VDSL Line Drivers
PowerPAD™.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC(8)
4.90 mm × 3.91 mm
THS309x
SO PowerPAD(8)
4.89 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Arbitrary Waveform Generator Output
Total Harmonic Distortion vs Frequency
Drive Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - THS3091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3091 TI-THS3091 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091D TI-THS3091D Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com