Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2836IRMCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2836IRMCT
Description  Operational Amplifiers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2836IRMCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2836IRMCT Datasheet HTML 5Page - Texas Instruments OPA2836IRMCT Datasheet HTML 6Page - Texas Instruments OPA2836IRMCT Datasheet HTML 7Page - Texas Instruments OPA2836IRMCT Datasheet HTML 8Page - Texas Instruments OPA2836IRMCT Datasheet HTML 9Page - Texas Instruments OPA2836IRMCT Datasheet HTML 10Page - Texas Instruments OPA2836IRMCT Datasheet HTML 11Page - Texas Instruments OPA2836IRMCT Datasheet HTML 12Page - Texas Instruments OPA2836IRMCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
OPA836, OPA2836
www.ti.com
SLOS712G – JANUARY 2011 – REVISED OCTOBER 2015
Electrical Characteristics: VS = 2.7 V (continued)
Test conditions unless otherwise noted: VS+ = +2.7 V, VS– = 0 V, VOUT = 1 VPP, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and
output referenced to mid-supply, VIN_CM = mid-supply – 0.5 V. TA = 25°C, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
OUTPUT
TA = 25°C, G = 5
0.15
0.2
V
A
Linear output voltage low
TA = –40°C to 125°C, G = 5
0.15
0.2
V
B
TA = 25°C, G = 5
2.45
2.5
V
A
Linear output voltage high
TA = –40°C to 125°C, G = 5
2.45
2.5
V
B
Output saturation voltage, high/low
TA = 25°C, G = 5
80/40
mV
C
TA = 25°C
±40
±45
mA
A
Linear output current drive
TA = –40°C to 125°C
±40
±45
mA
B
GAIN SETTING RESISTORS (OPA836IRUN ONLY)
Resistor FB1 to FB2
DC resistance
1584
1600
1616
Ω
A
Resistor FB2 to FB3
DC resistance
1188
1200
1212
Ω
A
Resistor FB3 to FB4
DC resistance
396
400
404
Ω
A
Resistor tolerance
DC resistance
–1%
1%
A
Resistor temperature coefficient
DC resistance
<10
PPM
C
POWER SUPPLY
Specified operating voltage
2.5
5.5
V
B
TA = 25°C
0.7
0.95
1.15
mA
A
Quiescent operating current per amplifier
TA = –40°C to 125°C
0.6
1.4
mA
B
Power supply rejection (±PSRR)
91
108
dB
A
POWER DOWN
Enable voltage threshold
Specified "on" above VS– + 2.1 V
2.1
V
A
Disable voltage threshold
Specified "off" below VS– + 0.7 V
0.7
V
A
Power-down pin bias current
PD = 0.5 V
20
500
nA
A
Power-down quiescent current
PD = 0. 5 V
0.5
1.5
µA
A
Time from PD = high to VOUT = 90% of final
Turnon time delay
200
ns
C
value
Time from PD = low to VOUT = 10% of original
Turnoff time delay
25
ns
C
value
7.7 Electrical Characteristics: VS = 5 V
Test conditions unless otherwise noted: VS+ = +5 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 1 kΩ, G = 1 V/V, input and output
referenced to mid-supply. TA = 25°C, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
VOUT = 100 mVPP, G = 1
205
VOUT = 100 mVPP, G = 2
100
Small-signal bandwidth
MHz
C
VOUT = 100 mVPP, G = 5
28
VOUT = 100 mVPP, G = 10
11.8
Gain-bandwidth product
VOUT = 100 mVPP, G = 10
118
MHz
C
Large-signal bandwidth
VOUT = 2 VPP, G = 2
87
MHz
C
Bandwidth for 0.1-dB flatness
VOUT = 2 VPP, G = 2
29
MHz
C
Slew rate, rise
VOUT = 2-V Step, G = 2
560
V/µs
C
Slew rate, fall
VOUT = 2-V Step, G = 2
580
V/µs
C
Rise time
VOUT = 2-V Step, G = 2
3
ns
C
Fall time
VOUT = 2-V Step, G = 2
3
ns
C
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25°C; over temperature limits by characterization and
simulation. (B) Not tested in production; limits set by characterization and simulation. (C) Typical value only for information.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA836 OPA2836


Similar Part No. - OPA2836IRMCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2836IRMCT TI1-OPA2836IRMCT Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
More results

Similar Description - OPA2836IRMCT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com