Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4281 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281
Description  Voltage-Feedback Operational Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4281 Datasheet HTML 5Page - Texas Instruments THS4281 Datasheet HTML 6Page - Texas Instruments THS4281 Datasheet HTML 7Page - Texas Instruments THS4281 Datasheet HTML 8Page - Texas Instruments THS4281 Datasheet HTML 9Page - Texas Instruments THS4281 Datasheet HTML 10Page - Texas Instruments THS4281 Datasheet HTML 11Page - Texas Instruments THS4281 Datasheet HTML 12Page - Texas Instruments THS4281 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
THS4281
www.ti.com
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
6.7 Electrical Characteristics, VS = ±5 V
At G = +2, RF = 2.49 kΩ, and RL = 1 kΩ, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
G = +1, VO = 100 mVPP, RF = 34 Ω
95
MHz
G = +2, VO = 100 mVPP
40
MHz
Small-Signal Bandwidth
G = +5, VO = 100 mVPP
8
MHz
G = +10, VO = 100 mVPP
3.8
MHz
0.1-dB Flat Bandwidth
G = +2, VO = 100 mVPP
20
MHz
Full-Power Bandwidth
G = +1, VO = 2 VPP
9.5
MHz
G = +1, VO = 2-V Step
35
V/
μs
Slew Rate
G = –1, VO = 2-V Step
35
V/
μs
Settling Time to 0.1%
G = –1, VO = 2-V Step
78
ns
Settling Time to 0.01%
G = –1, VO = 2-V Step
140
ns
Rise/Fall Times
G = +1, VO = 2-V Step
45
ns
AC PERFORMANCE— HARMONIC DISTORTION
Second Harmonic Distortion
G = +2, VO = 2 VPP, f = 1 MHz, RL = 1 kΩ
–69
dBc
G = +2, VO = 2 VPP, f = 100 kHz, RL = 1 kΩ
–76
Third Harmonic Distortion
G = +2, VO = 2 VPP, f = 1 MHz, RL = 1 kΩ
–93
dBc
G = +2, VO = 2 VPP, f = 100 kHz, RL = 1 kΩ
–107
THD + N
G = +2, VO = 2 VPP, VO = 2 VPP, f = 10 kHz
0.0009
G = +2, VO = 2 VPP, VO = 4 VPP, f = 10 kHz
0.0003%
Differential Gain (NTSC/PAL)
0.03/0.03
%
G = +2, RL = 150 Ω
Differential Phase (NTSC/PAL)
0.08/0.1
º
Input Voltage Noise
f = 100 kHz
12.5
nV/
√Hz
Input Current Noise
f = 100 kHz
1.5
pA/
√Hz
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)
25°C
90
108
0°C to 70°C
85
dB
–40°C to +85°C
85
Input Offset Voltage
25°C
0.5
2.5
VCM = 0 V
0°C to 70°C
3.5
mV
–40°C to +85°C
3.5
Average Offset Voltage Drift
0°C to 70°C
±7
VCM = 0 V
μV/°C
–40°C to +85°C
±7
Input Bias Current
25°C
0.5
0.8
VCM = 0 V
0°C to 70°C
1
μA
–40°C to +85°C
1
Average Bias Current Drift
0°C to 70°C
±2
VCM = 0 V
nA/°C
–40°C to +85°C
±2
Input Offset Current
25°C
0.1
0.4
VCM = 0 V
0°C to 70°C
0.5
μA
–40°C to +85°C
0.5
Average Offset Current Drift
0°C to 70°C
±2
VCM = 0 V
nA/°C
–40°C to +85°C
±2
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: THS4281


Similar Part No. - THS4281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4281 TI-THS4281 Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4281 NSC-THS4281 Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4281 TI1-THS4281 Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281 TI1-THS4281 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
THS4281 TI1-THS4281 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - THS4281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com