Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4521 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  Fully Differential Amplifier
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4521 Datasheet(HTML) 5 Page - Texas Instruments

  THS4521 Datasheet HTML 1Page - Texas Instruments THS4521 Datasheet HTML 2Page - Texas Instruments THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
THS4521, THS4522, THS4524
www.ti.com
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
Pin Functions: THS4522
PIN
DESCRIPTION
NAME
NO.
PD 1
1
Power down 1. PD = logic low puts device into low-power mode. PD = logic high or open for normal operation.
VIN1+
2
Noninverting amplifier 1 input
VIN1–
3
Inverting amplifier 1 input
VOCM1
4
Common-mode voltage input 1
PD 2
5
Power down 2. PD = logic low puts device into low-power mode. PD = logic high or open for normal operation.
VIN2+
6
Noninverting amplifier 2 input
VIN2–
7
Inverting amplifier 2 input
VOCM2
8
Common-mode voltage input 2
VS+2
9
Amplifier 2 positive power-supply input
VOUT2+
10
Noninverting amplifier 2 output
VOUT2–
11
Inverting amplifier 2 output
VS–
12
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
VS+1
13
Amplifier 1 positive power-supply input
VOUT1+
14
Noninverting amplifier 1 output
VOUT1–
15
Inverting amplifier 1 output
VS–
16
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: THS4521 THS4522 THS4524


Similar Part No. - THS4521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI1-THS4521 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4521 TI1-THS4521 Datasheet
1Mb / 56P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results

Similar Description - THS4521

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
LMH6552 TI1-LMH6552_14 Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com