Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4531AIDGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4531AIDGKR
Description  Ultra Low-Power, Rail-to-Rail Output, Fully Differential Amplifier
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4531AIDGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4531AIDGKR Datasheet HTML 5Page - Texas Instruments THS4531AIDGKR Datasheet HTML 6Page - Texas Instruments THS4531AIDGKR Datasheet HTML 7Page - Texas Instruments THS4531AIDGKR Datasheet HTML 8Page - Texas Instruments THS4531AIDGKR Datasheet HTML 9Page - Texas Instruments THS4531AIDGKR Datasheet HTML 10Page - Texas Instruments THS4531AIDGKR Datasheet HTML 11Page - Texas Instruments THS4531AIDGKR Datasheet HTML 12Page - Texas Instruments THS4531AIDGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
THS4531A
www.ti.com
SLOS823C – DECEMBER 2012 – REVISED JANUARY 2016
Electrical Characteristics: VS = 5 V (continued)
Test conditions at TA ≈ 25°C, VS+ = 5 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP, RF = 2 kΩ, RL = 2 kΩ differential, G = 1 V/V,
single-ended input, differential output, and output referenced to mid-supply, unless otherwise noted.
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL
Input current noise
f = 100 kHz
0.25
pA/
√Hz
C
Current noise 1/f corner frequency
6.5
kHz
C
Overdrive recovery time
Overdrive = 0.5 V
65
ns
C
Output balance error
VOUT = 100 mV, f = 1 MHz
–67
dB
C
Closed-loop output impedance
f = 1 MHz (differential)
2.5
Ω
C
DC PERFORMANCE
Open-loop voltage gain (AOL)
100
114
dB
A
TA = 25°C
–400
±100
400
A
TA = 0°C to +70°C
–715
715
Input-referred offset voltage
µV
TA = –40°C to +85°C
–855
855
B
TA = –40°C to +125°C
–1300
1300
TA = 0°C to +70°C
–7
±2
7
Input offset voltage drift(1)
TA = –40°C to +85°C
–7
±2
7
µV/°C
B
TA = –40°C to +125°C
–9
±3
9
TA = 25°C
200
250
A
TA = 0°C to +70°C
279
Input bias current(2)
nA
TA = –40°C to +85°C
292
B
TA = –40°C to +125°C
315
TA = 0°C to +70°C
0.5
0.65
Input bias current drift(1)
TA = –40°C to +85°C
0.5
0.65
nA/°C
B
TA = –40°C to +125°C
0.5
0.65
TA = 25°C
–50
±5
50
A
TA = 0°C to +70°C
–55
55
Input offset current
nA
TA = –40°C to +85°C
–57
57
B
TA = –40°C to +125°C
–60
60
TA = 0°C to +70°C
–0.1
±0.03
0.1
Input offset current drift(1)
TA = –40°C to +85°C
–0.1
±0.03
0.1
nA/°C
B
TA = –40°C to +125°C
–0.1
±0.03
0.1
INPUT
TA = 25°C, CMRR > 87 dB
VS– – 0.2
VS–
A
Common-mode input: low
V
TA = –40°C to +125°C, CMRR > 87 dB
VS– – 0.2
VS–
B
TA = 25°C, CMRR > 87 dB
VS+ – 1.2
VS+ –1.1
A
Common-mode input: high
V
TA = –40°C to +125°C, CMRR > 87 dB
VS+ – 1.2
VS+ –1.1
B
Common-mode rejection ratio
90
116
dB
A
Input impedance differential mode
200 || 1
k
Ω || pF
C
OUTPUT
TA = 25°C
VS– + 0.1 VS– + 0.2
A
Linear output voltage: low
V
TA = –40°C to +125°C
VS– + 0.1 VS– + 0.2
B
VS+
TA = 25°C
VS+ – 0.25
A
0.12
Linear output voltage: high
V
VS+
TA = –40°C to +125°C
VS+ – 0.25
B
0.12
Output saturation voltage: high/low
120/100
mV
C
(1)
Input offset voltage drift, input bias current drift, and input offset current drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range.
(2)
Positive current is out of the device inputs.
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: THS4531A


Similar Part No. - THS4531AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531AIDGKR TI-THS4531AIDGKR Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531AIDGKR NSC-THS4531AIDGKR Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results

Similar Description - THS4531AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531 TI1-THS4531_14 Datasheet
1Mb / 56P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531A TI-THS4531A Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI1-THS4532_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI1-THS4531 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531A NSC-THS4531A Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 NSC-THS4532 Datasheet
1Mb / 44P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI1-THS4531A Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI-THS4531_15 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com