Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQP15MN3N0W02J Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQP15MN3N0W02J
Description  Inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQP15MN3N0W02J Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQP15MN3N0W02J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQP15MN3N0W02J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Chart of characteristic data (The charts below may show another part number which shares its characteristics.)
Inductance-Frequency characteristics (Typ.)
Q-Frequency characteristics (Typ.)
2 of 2
Last updated: 2016/01/11
This PDF data has only typical specifications because there is no space
for detailed specifications.
Therefore, please reviewour product specifications or consult the
approval sheet for product specifications before ordering.


Similar Part No. - LQP15MN3N0W02J

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
LQP15MN3N0W02 SILABS-LQP15MN3N0W02 Datasheet
1Mb / 21P
   EFR32FG 2.4 GHz / 915 MHz Dual Band 19.5 dBm Radio Board BRD4250A Reference Manual
logo
Murata Manufacturing Co...
LQP15MN3N0W02D MURATA-LQP15MN3N0W02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
logo
Silicon Laboratories
LQP15MN3N0W02D SILABS-LQP15MN3N0W02D Datasheet
616Kb / 18P
   EFR32MG12 2.4 GHz 19 dBm Radio Board BRD4161A
Rev. 1.00
LQP15MN3N0W02D SILABS-LQP15MN3N0W02D Datasheet
1Mb / 22P
   EFR32MG13 2400/490 MHz Dual Band 19 dBm Radio Board BRD4174A
Rev. 1.00
More results

Similar Description - LQP15MN3N0W02J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com