Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86233 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86233
Description  CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86233 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86233 Datasheet HTML 3Page - Zilog, Inc. Z86233 Datasheet HTML 4Page - Zilog, Inc. Z86233 Datasheet HTML 5Page - Zilog, Inc. Z86233 Datasheet HTML 6Page - Zilog, Inc. Z86233 Datasheet HTML 7Page - Zilog, Inc. Z86233 Datasheet HTML 8Page - Zilog, Inc. Z86233 Datasheet HTML 9Page - Zilog, Inc. Z86233 Datasheet HTML 10Page - Zilog, Inc. Z86233 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Z86233/243
CP96DZ81201
CP96DZ81201 (8/96)
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Units
Ambient Temperature under Bias
–40
+105
C
Storage Temperature
–65
+150
C
Voltage on any Pin with Respect to V
SS [Note 1]
–0.6
+7
V
Voltage on V
DD Pin with Respect to VSS
–0.3
+7
V
Voltage on XTAL1 and /RESET Pins with Respect to V
SS [Note 2]
–0.6
V
DD+1
V
Total Power Dissipation
1.21
W
Maximum Allowable Current out of V
SS
220
mA
Maximum Allowable Current into V
DD
180
mA
Maximum Allowable Current into an Input Pin [Note 3]
–600
+600
µA
Maximum Allowable Current into an Open-Drain Pin [Note 4]
–600
+600
µA
Maximum Allowable Output Current Sinked by Any I/O Pin
25
mA
Maximum Allowable Output Current Sourced by Any I/O Pin
25
mA
Notice:
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; functional operation of the
device at any condition above those indicated in the
operational sections of these specifications is not implied.
Exposure to absolute maximum rating conditions for an
extended period may affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to Ground.
Positive current flows into the referenced pin (Test Load).
Test Load Diagram
CAPACITANCE
T
A = 25°C, VCC = GND = 0V, f = 1.0 MHz; unmeasured pins returned to GND.
Parameter
Min
Max
Input capacitance
0
12 pF
Output capacitance
0
12 pF
I/O capacitance
0
12 pF
Notes:
[1] This applies to all pins except XTAL pins and where otherwise noted.
[2] There is no input protection diode from pin to V
DD.
[3] This excludes XTAL pins.
[4] Device pin is not at an output Low state.
150 pF
From Output
Under Test
Total power dissipation should not exceed 1.21 W for the
package. Power dissipation is calculated as follows:
Total Power Dissipation = V
DD x [ IDD – (sum of IOH) ]
+ sum of [ (V
DD – VOH) x IOH ]
+ sum of (V
0L x I0L)


Similar Part No. - Z86233

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86230 ZILOG-Z86230 Datasheet
890Kb / 61P
   ADVANCED VIOLENCE BLOCKING AND NTSC 21 XDS
Z8623012PSC ZILOG-Z8623012PSC Datasheet
890Kb / 61P
   ADVANCED VIOLENCE BLOCKING AND NTSC 21 XDS
Z8623012SSC ZILOG-Z8623012SSC Datasheet
890Kb / 61P
   ADVANCED VIOLENCE BLOCKING AND NTSC 21 XDS
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
More results

Similar Description - Z86233

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C33 ZILOG-Z86C33 Datasheet
114Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86L33 ZILOG-Z86L33 Datasheet
223Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C30 ZILOG-Z86C30 Datasheet
128Kb / 17P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z87233 ZILOG-Z87233 Datasheet
868Kb / 71P
   CMOS Z8-R MCU Consumer Controller Processor
Z87C33 ZILOG-Z87C33 Datasheet
862Kb / 72P
   CMOS Z8짰 MCU Consumer Controller Processor
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
   CMOS Z8 32K ROM MICROCONTROLLER
Z86C95 ZILOG-Z86C95 Datasheet
147Kb / 18P
   CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
Z86116 ZILOG-Z86116 Datasheet
60Kb / 9P
   CMOS Z8 PN MODULATOR WIRELESS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com