Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C04 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z86C04
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C04 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z86C04 Datasheet HTML 6Page - Zilog, Inc. Z86C04 Datasheet HTML 7Page - Zilog, Inc. Z86C04 Datasheet HTML 8Page - Zilog, Inc. Z86C04 Datasheet HTML 9Page - Zilog, Inc. Z86C04 Datasheet HTML 10Page - Zilog, Inc. Z86C04 Datasheet HTML 11Page - Zilog, Inc. Z86C04 Datasheet HTML 12Page - Zilog, Inc. Z86C04 Datasheet HTML 13Page - Zilog, Inc. Z86C04 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Z86C04/C08
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Zilog
10
P R E L I M I N A R Y
DS97DZ80502
DC ELECTRICAL CHARACTERISTICS (Continued)
I
CC
Supply Current
(Low Noise)
3.0V
3.5
3.5
1.5
mA All Output and I/O
Pins Floating @
1 MHz
7
5.5V
7.0
7.0
3.8
mA All Output and I/O
Pins Floating @
1 MHz
7
3.0V
5.8
5.8
2.5
mA All Output and I/O
Pins Floating @
2 MHz
7
5.5V
9.0
9.0
4.0
mA All Output and I/O
Pins Floating @
2 MHz
7
3.0V
8.0
8.0
3.0
mA All Output and I/O
Pins Floating @
4 MHz
7
5.5V
11.0
11.0
4.4
mA All Output and I/O
Pins Floating @
4 MHz
7
T
A= 0°C to
+70
°C
T
A= –40°C to
+105
°C
Typical
Symbol
Parameter
V
CC
Min
Max
Min
Max
@ 25
°C Units
Conditions
Notes


Similar Part No. - Z86C04

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
1Mb / 348P
   General-Purpose Register File. Flexible I/O. Analog Inputs
Z86C0416PSG ZILOG-Z86C0416PSG Datasheet
1Mb / 348P
   Z86E3016PSG
More results

Similar Description - Z86C04

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
Zilog, Inc.
Z86C28 ZILOG-Z86C28 Datasheet
403Kb / 13P
   CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
COP424C NSC-COP424C Datasheet
339Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP224C NSC-COP224C Datasheet
325Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
logo
Microchip Technology
PIC16CR73 MICROCHIP-PIC16CR73 Datasheet
3Mb / 172P
   28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
logo
National Semiconductor ...
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
logo
Microchip Technology
PIC16CR7X MICROCHIP-PIC16CR7X Datasheet
3Mb / 172P
   28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com