Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C04 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86C04
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C04 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86C04 Datasheet HTML 1Page - Zilog, Inc. Z86C04 Datasheet HTML 2Page - Zilog, Inc. Z86C04 Datasheet HTML 3Page - Zilog, Inc. Z86C04 Datasheet HTML 4Page - Zilog, Inc. Z86C04 Datasheet HTML 5Page - Zilog, Inc. Z86C04 Datasheet HTML 6Page - Zilog, Inc. Z86C04 Datasheet HTML 7Page - Zilog, Inc. Z86C04 Datasheet HTML 8Page - Zilog, Inc. Z86C04 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Z86C04/C08
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Zilog
4
P R E L I M I N A R Y
DS97DZ80502
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; functional operation of the
device at any condition above those indicated in the oper-
ational sections of these specifications is not implied. Ex-
posure to absolute maximum rating conditions for an ex-
tended period may affect device reliability. Total power
dissipation should not exceed 462 mW for the package.
Power dissipation is calculated as follows:
Total Power dissipation = V
DD x [I
DD
– (sum of I
OH
)] + sum of
[(V
DD
– V
OH
) x I
OH
] + sum of (V
0L
x I
0L
).
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to
Ground. Positive current flows into the referenced pin
(Figure 4).
Parameter
Min
Max
Units
Ambient Temperature under Bias
–40
+105
C
Storage Temperature
–65
+150
C
Voltage on any Pin with Respect to V
SS
[Note 1]
–0.7
+12
V
Voltage on V
DD
Pin with Respect to V
SS
–0.3
+7
V
Voltage on Pin 7 with Respect to VSS [Note 2]
–0.7
V
DD+1
V
Total Power Dissipation
462
mW
Maximum Current out of V
SS
84
mA
Maximum Current into V
DD
84
mA
Maximum Current into an Input Pin [Note 3]
–600
+600
µA
Maximum Current into an Open-Drain Pin [Note 4]
–600
+600
µA
Maximum Output Current Sinked by Any I/O Pin
12
mA
Maximum Output Current Sourced by Any I/O Pin
12
mA
Total Maximum Output Current Sinked by Port 2
70
mA
Total Maximum Output Current Sourced by Port 2
70
mA
Notes:
1. This applies to all pins except where otherwise noted. Maximum current into pin must be
±600µA.
2. There is no input protection diode from pin to V
DD.
3. This excludes Pin 6 and Pin 7.
4. Device pin is not at an output Low state.
Figure 4. Test Load Diagram
From Output
Under Test
150 pF


Similar Part No. - Z86C04

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
1Mb / 348P
   General-Purpose Register File. Flexible I/O. Analog Inputs
Z86C0416PSG ZILOG-Z86C0416PSG Datasheet
1Mb / 348P
   Z86E3016PSG
More results

Similar Description - Z86C04

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
Zilog, Inc.
Z86C28 ZILOG-Z86C28 Datasheet
403Kb / 13P
   CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
COP424C NSC-COP424C Datasheet
339Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP224C NSC-COP224C Datasheet
325Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
logo
Microchip Technology
PIC16CR73 MICROCHIP-PIC16CR73 Datasheet
3Mb / 172P
   28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
logo
National Semiconductor ...
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
logo
Microchip Technology
PIC16CR7X MICROCHIP-PIC16CR7X Datasheet
3Mb / 172P
   28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com